Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575T-15 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575T-15
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-15 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM2575T-15 Datasheet HTML 21Page - Texas Instruments LM2575T-15 Datasheet HTML 22Page - Texas Instruments LM2575T-15 Datasheet HTML 23Page - Texas Instruments LM2575T-15 Datasheet HTML 24Page - Texas Instruments LM2575T-15 Datasheet HTML 25Page - Texas Instruments LM2575T-15 Datasheet HTML 26Page - Texas Instruments LM2575T-15 Datasheet HTML 27Page - Texas Instruments LM2575T-15 Datasheet HTML 28Page - Texas Instruments LM2575T-15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
CAPACITOR RIPPLE CURRENT RMS value of the maximum allowable alternating current at which a capacitor
can be operated continuously at a specified temperature.
STANDBY QUIESCENT CURRENT (ISTBY) Supply current required by the LM2575 when in the standby mode
(ON /OFF pin is driven to TTL-high voltage, thus turning the output switch OFF).
INDUCTOR RIPPLE CURRENT (
ΔIIND) The peak-to-peak value of the inductor current waveform, typically a
sawtooth waveform when the regulator is operating in the continuous mode (vs. discontinuous mode).
CONTINUOUS/DISCONTINUOUS MODE OPERATION Relates to the inductor current. In the continuous mode,
the inductor current is always flowing and never drops to zero, vs. the discontinuous mode, where the
inductor current drops to zero for a period of time in the normal switching cycle.
INDUCTOR SATURATION The condition which exists when an inductor cannot hold any more magnetic flux.
When an inductor saturates, the inductor appears less inductive and the resistive component dominates.
Inductor current is then limited only by the DC resistance of the wire and the available source current.
OPERATING VOLT MICROSECOND CONSTANT (E•Top) The product (in VoIt•μs) of the voltage applied to the
inductor and the time the voltage is applied. This E•Top constant is a measure of the energy handling
capability of an inductor and is dependent upon the type of core, the core area, the number of turns, and
the duty cycle.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com