Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F372VB Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 80Page - STMicroelectronics STM32F372VB Datasheet HTML 81Page - STMicroelectronics STM32F372VB Datasheet HTML 82Page - STMicroelectronics STM32F372VB Datasheet HTML 83Page - STMicroelectronics STM32F372VB Datasheet HTML 84Page - STMicroelectronics STM32F372VB Datasheet HTML 85Page - STMicroelectronics STM32F372VB Datasheet HTML 86Page - STMicroelectronics STM32F372VB Datasheet HTML 87Page - STMicroelectronics STM32F372VB Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
Electrical characteristics
STM32F37x
84/128
Doc ID 022691 Rev 3
Figure 19.
Five volt tolerant (FT and FTf) I/O input characteristics - CMOS port
Figure 20.
Five volt tolerant (FT and FTf) I/O input characteristics - TTL port
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
The sum of the currents sourced by all the I/Os on all VDD_x and VDDSDx, plus the
maximum Run consumption of the MCU sourced on VDD cannot exceed the absolute
maximum rating IVDD( (see Table 20).
The sum of the currents sunk by all the I/Os on all VSS_x and VSSSD, plus the
maximum Run consumption of the MCU sunk on VSS cannot exceed the absolute
maximum rating IVSS( (see Table 20).
VDD (V)
2.0
0.5
VIL/VIH (V)
2.0
3.6
1.0
2.7
Area not determined
VILmax
= 0.475V
DD
-0.2
VIHmin
= 0.5V
DD
+0.2
Based
on design
simulations
Based
on design
simulations
CMOS
standard
requirements
VIHmin
= 0.7V
DD
CMOS standard
requirements
VILmax = 0.3V
DD
VDD (V)
2.0
0.5
VIL/VIH (V)
2.0
3.6
1.0
2.7
Area not determined
VILmax
= 0.475V
DD
-0.2
VIHmin
= 0.5V
DD
+0.2
Based
on design
simulations
Based
on design
simulations
TTL standard requirements VIHmin = 2 V
TTL standard requirements VILmax = 0.8 V
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com