| Electronic Components Datasheet Search |
|
CYUSB3035-BZXC Datasheet(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB3035-BZXC Datasheet(HTML) 13 Page - Cypress Semiconductor |
|
13 / 50 page ![]() CYUSB3035 Document Number: 001-84160 Rev. *B Page 13 of 50 Suspend Mode with USB 3.0 PHY Disabled (L2) ■ The power consumption in this mode does not exceed ISB2 ■ USB 3.0 PHY is disabled and the USB interface is in suspend mode ■ The clocks are shut off. The PLLs are disabled ■ All I/Os maintain their previous state ■ USB interface maintains the previous state ■ Power supply for the wakeup source and core power must be retained. All other power domains can be turned on/off individually ■ The states of the configuration registers, buffer memory and all internal RAM are maintained ■ All transactions must be completed before FX3S enters Suspend mode (state of outstanding transactions are not preserved) ■ The firmware resumes operation from where it was suspended (except when woken up by RESET# assertion) because the program counter does not reset ■ Firmware executing on ARM926EJ-S core can put FX3S into suspend mode. For example, on USB suspend condition, firmware may decide to put FX3S into suspend mode ■ External Processor, through the use of mailbox registers can put FX3S into suspend mode ■ D+ transitioning to low or high ■ D- transitioning to low or high ■ Impedance change on OTG_ID pin ■ Resume condition on SSRX± ■ Detection of VBUS ■ Level detect on UART_CTS (program- mable polarity) ■ GPIF II interface assertion of CTL[0] ■ Assertion of RESET# Standby Mode (L3) ■ The power consumption in this mode does not exceed ISB3 ■ All configuration register settings and program/data RAM contents are preserved. However, data in the buffers or other parts of the data path, if any, is not guaranteed. Therefore, the external processor should take care that the data needed is read before putting FX3S into this Standby Mode ■ The program counter is reset after waking up from Standby ■ GPIO pins maintain their configuration ■ Crystal oscillator is turned off ■ Internal PLL is turned off ■ USB transceiver is turned off ■ ARM926EJ-S core is powered down. Upon wakeup, the core re-starts and runs the program stored in the program/data RAM ■ Power supply for the wakeup source and core power must be retained. All other power domains can be turned on/off individually ■ Firmware executing on ARM926EJ-S core or external processor configures the appropriate register ■ Detection of VBUS ■ Level detect on UART_CTS (Program- mable Polarity) ■ GPIF II interface assertion of CTL[0] ■ Assertion of RESET# Table 6. Entry and Exit Methods for Low-Power Modes (continued) Low-Power Mode Characteristics Methods of Entry Methods of Exit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |