Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3033-BZXC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB3033-BZXC
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3033-BZXC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB3033-BZXC Datasheet HTML 9Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 10Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 11Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 12Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 13Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 14Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 15Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 16Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 13 of 50
Suspend Mode
with USB 3.0 PHY
Disabled (L2)
■ The power consumption in this mode
does not exceed ISB2
■ USB 3.0 PHY is disabled and the USB
interface is in suspend mode
■ The clocks are shut off. The PLLs are
disabled
■ All I/Os maintain their previous state
■ USB interface maintains the previous
state
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off
individually
■ The states of the configuration registers,
buffer memory and all internal RAM are
maintained
■ All transactions must be completed
before FX3S enters Suspend mode
(state of outstanding transactions are not
preserved)
■ The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion)
because the program counter does not
reset
■ Firmware executing on ARM926EJ-S
core can put FX3S into suspend mode.
For example, on USB suspend
condition, firmware may decide to put
FX3S into suspend mode
■ External Processor, through the use of
mailbox registers can put FX3S into
suspend mode
■ D+ transitioning to low
or high
■ D- transitioning to low or
high
■ Impedance change on
OTG_ID pin
■ Resume condition on
SSRX±
■ Detection of VBUS
■ Level detect on
UART_CTS (program-
mable polarity)
■ GPIF II interface
assertion of CTL[0]
■ Assertion of RESET#
Standby Mode
(L3)
■ The power consumption in this mode
does not exceed ISB3
■ All configuration register settings and
program/data RAM contents are
preserved. However, data in the buffers
or other parts of the data path, if any, is
not guaranteed. Therefore, the external
processor should take care that the data
needed is read before putting FX3S into
this Standby Mode
■ The program counter is reset after waking
up from Standby
■ GPIO pins maintain their configuration
■ Crystal oscillator is turned off
■ Internal PLL is turned off
■ USB transceiver is turned off
■ ARM926EJ-S core is powered down.
Upon wakeup, the core re-starts and runs
the program stored in the program/data
RAM
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off
individually
■ Firmware executing on ARM926EJ-S
core or external processor configures
the appropriate register
■ Detection of VBUS
■ Level detect on
UART_CTS (Program-
mable Polarity)
■ GPIF II interface
assertion of CTL[0]
■ Assertion of RESET#
Table 6. Entry and Exit Methods for Low-Power Modes
(continued)
Low-Power Mode
Characteristics
Methods of Entry
Methods of Exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com