Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMODCLS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMODCLS
Description  Seriiall LCD Diispllay Modulle Refference Manuall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODCLS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMODCLS Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 2Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 3Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digilent, Inc.
PmodCLS Reference Manual
www.digilentinc.com
www.digilentinc.com
page 2 of 4
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
jumper is represented by 1 and a connected
jumper is represented by 0.
MD2, MD1, MD0
Protocol
Details
0,0,0
UART
2400 baud
0,0,1
UART
4800 baud
0,1,0
UART
9600 baud
0,1,1
UART
baud rate in
EEPROM
1,0,0
TWI
address: 0x48
1,0,1
TWI
address in
EEPROM
1,1,0
SPI
1,1,1
specified
in
EEPROM
specified in
EEPROM
Connector J1 is used for SPI communication.
Connector J2 can either be used for UART or
TWI communication. Connectors J4 and J5
can be used to daisy chain other TWI devices.
Power Supply Options
The module is rated for external power ranging
from 2.7 to 5.5 volts DC. Using voltage outside
this range could damage the PmodCLS and
connected devices. The PmodCLS can be
powered through the board’s 6-pin headers J1
or J2, or through connectors J6 or J7.
When the module is connected to another
Digilent microcontroller or FPGA board, that
board can power the PmodCLS through a
Pmod connector. The host board should be
jumpered to provide 3.3V on the VCC pin of
the connector being used. The module is then
powered by the host board’s power supply.
Instruction Set
The PmodCLS is capable of executing many
different instructions. Instructions are sent
using escape sequences. An escape sequence
begins with the ESC character (character code
0x1B or decimal 27), followed by the left
square bracket ‘[‘ , followed by 0 or more
parameters separated by semicolons ‘;’ and
ending with the command character.
Command characters are case sensitive.
Instruction
Result
<row>;<col>H
set cursor position to
<row>,<col>
s
save cursor position
u
restore saved cursor
position
j
clear display and home
cursor
<ps>K
erase within line
0 = current position to
end of line
1 = start of line to
current position
2 = entire line
<ps>N
erase field in current line
<ps> = number of chars
starting at current
position
<pn>@
scroll left <pn> columns
<pn>A
scroll right <pn>
columns
*
reset; equivalent to
cycling power of
PmodCLS
<ps>e
enable/disable display
0 = display off,
backlight off
1 = display on,
backlight off
2 = display off,
backlight on
3 = display on,
backlight on
<ps>h
set display mode
0 = wrap line at 16
characters
1 = wrap line at 40
characters
<ps>c
set cursor mode
0 = cursor off
1 = cursor on, blink off
2 = cursor on, blink on
<pn>a
save TWI address in
EEPROM to <pn>
<pn>b
save baud rate value in
EEPROM to <pn>
<pt>p
program character table
into LCD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com