Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL5246B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DL5246B
Description  ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DL5246B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DL5246B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DL5246B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DL5246B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL52/ZMM52-SERIES
ZENER DIODES
Zener Voltage: 2.4-56V Peak Pulse Power: 500mW
Case: MINI MELF molded glass body
Terminals: Plated leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.002 ounce,0.05 grams
FEATURE
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
C
Zener Current see Table Characteristics
Power Dissipation at Tamb=25 C(Note 1)
Junction Temperature
Storage Temperature Range
Thermal resistance junction ambient(Note 1)
Forward voltage at IF=200mA
SYMBOLS
UNITS
VALUE
mW
K/mW
V
Ratings at 25 C ambient temperature unless otherwise specified.
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Ptot
Tj
TSTG
RθJA
VF
C
500
200
-65 to + 200
0.3
1.1
0.146(3.7)
0.130(3.3)
0.063(1.6)
0.055(1.4)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
MINI MELF/LL-34
Low zener impedance
Low regulation factor
Glass passivated junction
High temperature soldering guaranteed:
260 C/10S at terminals
MDD Catalog Number
MDD ELECTRONIC


Similar Part No. - DL5246B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5246B DCCOM-DL5246B Datasheet
220Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Micro Commercial Compon...
DL5246B MCC-DL5246B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Shanghai Shunye Electro...
DL5246B/ZMM5246B SHUNYE-DL5246B/ZMM5246B Datasheet
313Kb / 3P
ZENER DIODES
V2.22
logo
Microdiode Semiconducto...
DL5246BZMM5246B CHENDA-DL5246BZMM5246B Datasheet
758Kb / 3P
Low zener impedance
More results

Similar Description - DL5246B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Leshan Radio Company
SODZ200A-SH LRC-SODZ200A-SH_15 Datasheet
364Kb / 12P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZAF LRC-SZAF_15 Datasheet
216Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZA LRC-SZA_15 Datasheet
185Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com