Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM72016-6 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # WM72016-6
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

WM72016-6 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button WM72016-6 Datasheet HTML 17Page - Cypress Semiconductor WM72016-6 Datasheet HTML 18Page - Cypress Semiconductor WM72016-6 Datasheet HTML 19Page - Cypress Semiconductor WM72016-6 Datasheet HTML 20Page - Cypress Semiconductor WM72016-6 Datasheet HTML 21Page - Cypress Semiconductor WM72016-6 Datasheet HTML 22Page - Cypress Semiconductor WM72016-6 Datasheet HTML 23Page - Cypress Semiconductor WM72016-6 Datasheet HTML 24Page - Cypress Semiconductor WM72016-6 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
WM72016-6 – Secure F-RAM with Gen-2 RFID and Serial Port
Document Number: 001-86227 Rev. **
Page 21 of 33
next WM72016-6 memory location.
While the CS signal remains at a logic one, the WM72016-6
automatically increments an internal address pointer after every data word cycle has completed. The state of
the AUTOINCR bit in the Control/Status register and the contents of the Working Stored Address have no
impact on DSPI data streaming. Likewise, AUTOINCR and the Working Stored Address register are not
affected by DSPI serial port data streaming. The data streaming cycle is terminated once CS has been cleared
to a logic zero. The DSPI streaming capability removes the requirement for multiple instruction words, greatly
improving bandwidth requirements.
tWD
tCSH
tHD
tCLK
tSU
tCSD
d14
d12
d10
d8
d6
d4
d2
d0
OP4 OP2 OP0
a8
a6
a4
a2
a0
d15
d13
d11
d9
d7
d5
d3
d1
WR
OP3 OP1
a9
a7
a5
a3
a1
CS
D0
D1
CLK
Figure 22. DSPI Write Cycle Detail
Note: In the event of a simultaneous memory access, the RFID request will take priority over the
secondary DSPI serial interface.
MICROCONTROLLER INTERRUPTS
The WM72016-6 is capable of generating interrupts initiated by a interrogator (RFID Reader) to a
microcontroller on the serial port. Interrupt generation provides a mechanism to alert a host microcontroller
that a RFID interrogator is present and to take control of the memory with no possibility of interruption from
the RFID interface.
During an interrupt, all RFID commands are disregarded until an INTEND DSPI
command is received to terminate the interrupt and return control back to the RFID interface.
An interrupt is generated from the WM72016-6 to the host by writing two standard Gen2 write cycles to USER
memory addresses 0x004 and 0x005. The XOR operation of the two data words written to the two respective
addresses must equal 0x1234. As with all Gen2 write commands, the WM72016-6 must be in the OPEN or
SECURED state prior to executing the write command sequence. Should the WM72016-6 RFID have a non-
zero ACCESS password, the device must be transitioned to the SECURED state by correctly accessing the tag
with the device‟s ACCESS password. The interrogator then transmits two cover-coded WRITE commands to
USER memory addresses 0x004 and 0x005 whose two data words when XORed together result in a value of
0x1234. A correct sequence of the WRITE commands will result in the WM72016-6 asserting an interrupt by
driving the DSPI CS high. Upon detection of a high state on the CS signal, the host microcontroller drives two
clock cycles (the two clock cycles are mandatory) on the DSPI CLK to acknowledge and clear the WM72016-
6 interrupt. The host microcontroller now has full and uninhibited access to the WM72016-6 memory. Any
attempted access by a RFID interrogator during this period will be disregarded until one of two conditions has
occurred:
The host microcontroller has released control of the WM72016-6 memory by writing an instruction
with the INTEND opcode, or
The WM72016-6 has been power-cycled.
The entire interrupt generation sequence is shown in Figure 23. Note that the values 0x1200 and 0x0034
shown in Figure 23 are shown for illustration purposes only – any two values whose XOR operation results in
a value of 0x1234 will generate a DSPI interrupt.
The host microcontroller releases its control of the
WM72016-6 memory by writing an instruction with an INTEND opcode refer to Table 9. The contents of the
DSPI write data word payload that follows the instruction word are ignored but must be present to constitute a
valid DSPI command.
Here are three important aspects to consider when using the interrupt mechanism:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com