Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1002MB Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF1002MB
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1002MB Datasheet(HTML) 2 Page - Motorola, Inc

  MRF1002MB Datasheet HTML 1Page - Motorola, Inc MRF1002MB Datasheet HTML 2Page - Motorola, Inc MRF1002MB Datasheet HTML 3Page - Motorola, Inc MRF1002MB Datasheet HTML 4Page - Motorola, Inc MRF1002MB Datasheet HTML 5Page - Motorola, Inc MRF1002MB Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRF1002MA MRF1002MB
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 35 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
2.5
5.0
pF
FUNCTIONAL TESTS (Pulse Width = 10
µs, Duty Cycle = 1.0%)
Common–Base Amplifier Power Gain
(VCC = 35 Vdc, Pout = 2.0 W pk, f = 1090 MHz)
GPB
10
12
—
dB
Collector Efficiency
(VCC = 35 Vdc, Pout = 2.0 W pk, f = 1090 MHz)
η
40
45
—
dB
Load Mismatch
(VCC = 35 Vdc, Pout = 2.0 W, f = 1090 MHz,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Power Output
Figure 1. 1090 MHz Test Circuit
C1, C3 — 220 pF Chip Capacitor, 100 mil ATC
C2 — 20
µF/50 Vdc Electrolytic
C4 — 0.1
µF Erie Redcap
L1, L2 — 2 Turns #18 AWG, 1/8
″ ID
Z1–Z14 — Distributed Microstrip Elements, See Photomaster
Board Material — 0.031
″ Thick Teflon–Fiberglass,
Board Material —
εr = 2.56
RF
INPUT
RF
OUTPUT
C1
Z13
C2
C3
C4
+
35 Vdc
–
+
L1
DUT
Z1
Z2
Z5
Z4
Z7
Z3
Z6
Z8
Z11
Z14
Z9
Z12
Z10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com