Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080L-30 Datasheet(PDF) 1 Page - Rohm

Part # RB080L-30
Description  Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080L-30 Datasheet(HTML) 1 Page - Rohm

  RB080L-30 Datasheet HTML 1Page - Rohm RB080L-30 Datasheet HTML 2Page - Rohm RB080L-30 Datasheet HTML 3Page - Rohm RB080L-30 Datasheet HTML 4Page - Rohm RB080L-30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.rohm.com
©20
11 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB080L-30
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1)Small power mold type. (PMDS)
2)High reliability
3)Low VF
Structure
Silicon epitaxial planer
Structure
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
-
-
0.51
V
IF=5.0A
IR
-
-
150
μA
VR=30V
Forward voltage
Reverse current
Junction temperature
150
Storage temperature
40 to 150
(*1)Alumina substrate at the time of assemble 180° Half Sine Wave, Tc=100°C MAX.
Parameter
Reverse voltage (DC)
30
Average rectified forward current (*1)
5
Forward current surge peak (60Hz・1cyc)
70
Taping dimensions (Unit : mm)
Parameter
Limits
Reverse voltage (repetitive)
30
PMDS
2.0
ROHM : PMDS
JEDEC : SOD-106
①
year week factory
②
①
②
1
2
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
4.0
±0.1
2.9
±0.1
4.0
±0.1
2.0
±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
1/4
2011.12 - Rev.B


Similar Part No. - RB080L-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB080L-30 ROHM-RB080L-30 Datasheet
626Kb / 5P
Schottky Barrier Diode
RB080L-30 ROHM-RB080L-30 Datasheet
680Kb / 8P
Schottky Barrier Diode
RB080L-30 ROHM-RB080L-30_15 Datasheet
680Kb / 8P
Schottky Barrier Diode
More results

Similar Description - RB080L-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com