Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS3307 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFS3307
Description  High Efficiency Synchronous Rectification in SMPS, Uninterruptible Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3307 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFS3307_06 Datasheet HTML 2Page - International Rectifier IRFS3307_06 Datasheet HTML 3Page - International Rectifier IRFS3307_06 Datasheet HTML 4Page - International Rectifier IRFS3307_06 Datasheet HTML 5Page - International Rectifier IRFS3307_06 Datasheet HTML 6Page - International Rectifier IRFS3307_06 Datasheet HTML 7Page - International Rectifier IRFS3307_06 Datasheet HTML 8Page - International Rectifier IRFS3307_06 Datasheet HTML 9Page - International Rectifier IRFS3307_06 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRFB3307/IRFS3307/IRFSL3307
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175 200
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
100 200 300 400 500 600 700 800 900 1000
dif/dt (A/µs)
0
5
10
15
20
I
F
= 30A
V
R
= 64V
T
J
= 25°C _____
T
J
= 125°C ----------
100 200 300 400 500 600 700 800 900 1000
dif/dt (A/µs)
0
5
10
15
20
I
F
= 45A
V
R
= 64V
T
J
= 25°C _____
T
J
= 125°C ----------
100 200 300 400 500 600 700 800 900 1000
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
I
F
= 30A
V
R
= 64V
T
J
= 25°C _____
T
J
= 125°C ----------
100 200 300 400 500 600 700 800 900 1000
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
I
F
= 45A
V
R
= 64V
T
J
= 25°C _____
T
J
= 125°C ----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com