Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6228DTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6228DTR
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228DTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6228DTR Datasheet HTML 3Page - STMicroelectronics L6228DTR Datasheet HTML 4Page - STMicroelectronics L6228DTR Datasheet HTML 5Page - STMicroelectronics L6228DTR Datasheet HTML 6Page - STMicroelectronics L6228DTR Datasheet HTML 7Page - STMicroelectronics L6228DTR Datasheet HTML 8Page - STMicroelectronics L6228DTR Datasheet HTML 9Page - STMicroelectronics L6228DTR Datasheet HTML 10Page - STMicroelectronics L6228DTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
L6228
(7)
Tested at 25°C in a restricted range and guaranteed by characterization.
(8)
See Fig. 1.
(9)
See Fig. 2.
(10)
See Fig. 3.
(11)
See Fig. 4.
(12)
Measured applying a voltage of 1V to pin SENSE and a voltage drop from 2V to 0V to pin VREF.
(13)
See Fig. 5.
Figure 1. Switching Characteristic Definition
IBIAS
Input Bias Current at pins VREFA
and VREFB
10
µA
Over Current Protection
ISOVER
Input Supply Overcurrent
Protection Threshold
Tj = -25°C to 125°C
(7)
2
2.8
3.55
A
ROPDR
Open Drain ON Resistance
I = 4mA
40
60
Ω
tOCD(ON) OCD Turn-on Delay Time (13)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD Turn-off Delay Time (13)
I = 4mA; CEN < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com