Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD221IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD221IDT
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221IDT Datasheet(HTML) 6 Page - STMicroelectronics

  TD221IDT Datasheet HTML 1Page - STMicroelectronics TD221IDT Datasheet HTML 2Page - STMicroelectronics TD221IDT Datasheet HTML 3Page - STMicroelectronics TD221IDT Datasheet HTML 4Page - STMicroelectronics TD221IDT Datasheet HTML 5Page - STMicroelectronics TD221IDT Datasheet HTML 6Page - STMicroelectronics TD221IDT Datasheet HTML 7Page - STMicroelectronics TD221IDT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TD220/221
Timing Diagrams
6/8
4
TIMING DIAGRAMS
Fig. 1: Power up and power down
Fig. 2: Two point regulator
APPLICATION DIAGRAM
VCC
Icc
GATE
Istby
VOL2
UVH
UVL
Vccmin
VOUT
1V
Tstartup
VCC
13.6V
12.4V
GND
VCAP
VSUP
300mV
GND
IN
VOUT
VCC
GATE
VCAP
VSUP
L?
Q?
R?
D?
C?
1uF
C?
220nF
C?
10uF
C?
C?
R?
µC
HV DC ou
HV DC in
DC supply
D1
D2
D3
Q1
22V
Vreg
UVLO
TPR
13V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com