Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-BF548 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DEV-BF548
Description  Bluetechnix Mechatronische Systeme GmbH
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEV-BF548 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DEV-BF548 Datasheet HTML 3Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 4Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 5Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 6Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 7Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 8Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 9Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 10Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Blackfin DEV-BF548-Lite. DEV-BF548DA-lite Hardware User Manual
6
BLACKFIN Products
Core Modules:
TCM-BF518:
The new Core Module CM-BF518 is powered by Analog Devices' single core
ADSP-BF518 processor; up to 400MHz, 32MB SDRAM, up to 8MB flash. The
2x60 pin expansion connectors are backwards compatible with other Core
Modules.
CM-BF527:
The new Blackfin Processor Module is powered by Analog Devices' single
core ADSP-BF527 processor; key features are USB OTG 2.0 and Ethernet. The
2x60 pin expansion connectors are backwards compatible with other Core
Modules.
CM-BF533:
Blackfin Processor Module powered by Analog Devices' single core ADSP-
BF533 processor; up to 600MHz, 32MB SDRAM, 2MB flash, 2x60 pin
expansion connectors and a size of 36.5x31.5mm.
TCM-BF537:
Blackfin Processor Module powered by Analog Devices' single core ADSP-
BF537 processor; up to 500MHz, 32MB SDRAM, 8MB flash, a size of
28x28mm, 2x60 pin expansion connectors, Ball Grid Array or Border Pads
for reflow soldering, industrial temperature range -40°C to +85°C.
CM-BF537E:
Blackfin Processor Module powered by Analog Devices' single core ADSP-
BF537 processor; up to 600MHz, 32MB SDRAM, 4MB flash, integrated
TP10/100 Ethernet physical transceiver, 2x60 pin expansion connectors and
a size of 36.5x31.5mm.
CM-BF537U:
Blackfin Processor Module powered by Analog Devices' single core ADSP-
BF537 processor; up to 600MHz, 32MB SDRAM, 4MB flash, integrated USB
2.0 Device, 2x60 pin expansion connectors and a size of 36.5x31.5mm.
CM-BF548:
The new Blackfin Processor Module is powered by Analog Devices' single
core ADSP-BF548 processor; key features are 64MB DDR SD-RAM 2x100 pin
expansion connectors.
CM-BF561:
Blackfin Processor Module powered by Analog Devices' dual core ADSP-
BF561 processor; up to 2x 600MHz, 64MB SDRAM, 8MB flash, 2x60 pin
expansion connectors and a size of 36.5x31.5mm.
eCM-BF561:
Blackfin Processor Module powered by Analog Devices' dual core ADSP-
BF561 processor; up to 2x 600MHz, 128MB SDRAM, 8MB flash, 2x100 pin
expansion connectors and a size of 44x33mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com