Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBC21 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 19Page - STMicroelectronics STBC21 Datasheet HTML 20Page - STMicroelectronics STBC21 Datasheet HTML 21Page - STMicroelectronics STBC21 Datasheet HTML 22Page - STMicroelectronics STBC21 Datasheet HTML 23Page - STMicroelectronics STBC21 Datasheet HTML 24Page - STMicroelectronics STBC21 Datasheet HTML 25Page - STMicroelectronics STBC21 Datasheet HTML 26Page - STMicroelectronics STBC21 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
STBC21
Detailed description
Doc ID 023256 Rev 1
23/54
Battery alarm occurs when:
TIMER-1 during pre-charge phase elapses;
TIMER-4 during 0V-charge phase elapses;
Overvoltage on the BAT pin occurs (VBAT > 4.23 V ± 20 mV, infringement of JEITA/PSE
regulation);
Undervoltage, during fast-charge or end of charge, on the BAT pin occurs (VBAT < 3.0
V);
Undervoltage on the TEMP pin occurs (VTEMP < 0.505 V, battery overheating);
Battery connection detection error occurs.
In all these cases the charge stops, the LEDs show a “Battery alarm” and a battery removal
is required to reset the charger. The battery removal is spotted because the voltage on the
TEMP pin rises above 2.425 V.
The battery alarm's flowchart is presented in
Figure 13.
Charger alarm occurs when:
Overvoltage on the VCC pin occurs (VCC > 9.0 V);
Undervoltage on the VCC pin occurs (VCC < 2.8 V, except for the power-up transition
when the charger is switched on);
Current increases over 1.1 A.
In these cases the charge is stopped, LEDs show a “charger alarm” and it's kept in this state
even if the battery is removed. A VCC removal is required to reset the charger.
The charger alarm's flowchart is depicted in
Figure 14.
Other alarms occur when:
VCC and VBATT are very close (VCC_ASD is lower than threshold);
Die temperature increases over 115 °C (thermal shutdown).
In these cases the battery charge is stopped, the LEDs continue to show “charge ongoing” if
the charger was in charge, and “end of charge” if the charger was in the termination phase
and the timers keep on counting. Once the alarm condition is removed, the charger restarts
the operations restoring the status it was in before the interruption.
During this phase, all other alarms (battery alarms and charger alarms) are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com