Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBC21FTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 26Page - STMicroelectronics STBC21FTR Datasheet HTML 27Page - STMicroelectronics STBC21FTR Datasheet HTML 28Page - STMicroelectronics STBC21FTR Datasheet HTML 29Page - STMicroelectronics STBC21FTR Datasheet HTML 30Page - STMicroelectronics STBC21FTR Datasheet HTML 31Page - STMicroelectronics STBC21FTR Datasheet HTML 32Page - STMicroelectronics STBC21FTR Datasheet HTML 33Page - STMicroelectronics STBC21FTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Register configuration and access mode description
STBC21
30/54
Doc ID 023256 Rev 1
Appendix A
Register configuration and access mode
description
The STBC21 has two different access modes to the internal registers: user mode and
customer mode.
User mode
At power-on the STBC21 enters user mode. Only Reg11H and Reg12H are fully accessible
in read-mode while Reg13H is accessible in limited write-mode (only 'customer_mode' and
'CE' bits can be written) and fully accessible in read-mode.
Customer mode
The STBC21 enters customer mode when bit7, in Reg13H, is set to '1'. In this mode the
configuration of the internal system registers is:
Reg00H to Reg07H are accessible in read/write mode;
Reg10H has limited write access (NVM interface commands);
Reg11H and Reg12H are accessible only in read mode;
Reg13H has limited write access (commands bits only);
Reg14H is accessible only in read mode.
Table 10.
Configuration registers map
REG/BIT
B7
B6
B5
B4
B3
B2
B1
B0
00H
AMR
TIMER-3
TIMER-2
01H
Reserved
Reserved
ISET3
ISET1
02H
CV-4
CV-3
CV-2
CV-1
03H
Th
Th-h
04H
Reserved
Hys
Tl
05H
LF45
LD7
LD45
LD3
LD2
06H
Reserved
LD6
LF267
DUTY mode
07H
Reserved
CV4-Iset2
CV3-Iset2
CV2-Iset2
CV1-Iset2
Table 11.
Control registers map
REG/
BIT
B7
B6
B5
B4
B3
B2
B1
B0
10H
NVM Busy
NVM
check
NVM command
11H
VCC_uvlo
VCC_ovp IBAT_ocp Batt_ovp
Batt_uvlo
Batt_hot
Batt_detect_KO
Batt_no_
conn
12H
ASD_Mode
Thermal
protection
Batt temp
alarm
Batt temp
alarm
Batt_temp_soc
Timer2
expired
Timer1 expired
0V_Chrg
_alarm
13H
Customer_ en
CE
Reserved Reserved SW_chrg_alarm
SW_chrg_status
14H
Batt_temp_range
Reserved
Iset2_half
Vfloat_05
Vfloat_10
Vfloat_20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com