Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX631 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSX631
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX631 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSX631 Datasheet HTML 11Page - STMicroelectronics TSX631 Datasheet HTML 12Page - STMicroelectronics TSX631 Datasheet HTML 13Page - STMicroelectronics TSX631 Datasheet HTML 14Page - STMicroelectronics TSX631 Datasheet HTML 15Page - STMicroelectronics TSX631 Datasheet HTML 16Page - STMicroelectronics TSX631 Datasheet HTML 17Page - STMicroelectronics TSX631 Datasheet HTML 18Page - STMicroelectronics TSX631 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID024293 Rev 1
15/31
TSX63x, TSX63xA
Electrical characteristics
Figure 14. Bode diagram at VCC = 16 V,
RL = 10 kΩ
Figure 15. Bode diagram at VCC = 16 V,
RL = 100 kΩ
Figure 16. Closed-loop gain vs.
capacitive load
Figure 17. In-series resistor (Riso) vs.
capacitive load
Figure 18. Negative slew rate
Figure 19. Positive slew rate
1k
10k
100k
1M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=16V
Vicm=8V
Rl=10kΩ
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C
1k
10k
100k
1M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=16V
Vicm=8V
Rl=100kΩ
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C
1k
10k
100k
1M
-15
-10
-10
-5
00
5
10
10
15
Cl=200pF
Follower configuration
Vcc=16V
Vicm=8V
Rl=100kΩ
T=25°C
Cl=20pF
Cl=100pF
Cl=470pF
Frequency (Hz)
100p
1n
10n
100n
10
100
1000
10000
Unstable
Stable
Follower configuration
Vcc=16V
Vicm=8V
Rl=100kΩ
T=25°C
Cload (F)
-20
0
20
40
60
80
100
120
140
-6.0
-6.0
-5.0
-4.0
-4.0
-3.0
-2.0
-2.0
-1.0
0.0
0.0
1.0
2.0
2.0
3.0
4.0
4.0
5.0
6.0
6.0
Vcc=16V
Vicm=Vcc/2
Rl=100kΩ
Cl=100pF
T=25°C
T=125°C
T=-40°C
Time (µs)
-20
0
20
40
60
80
100
120
140
-6.0
-6.0
-5.0
-4.0
-4.0
-3.0
-2.0
-2.0
-1.0
0.0
0.0
1.0
2.0
2.0
3.0
4.0
4.0
5.0
6.0
6.0
Vcc=16V
Vicm=Vcc/2
Rl=100kΩ
Cl=100pF
T=25°C
T=125°C
T=-40°C
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com