Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX632A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSX632A
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX632A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSX632A Datasheet HTML 12Page - STMicroelectronics TSX632A Datasheet HTML 13Page - STMicroelectronics TSX632A Datasheet HTML 14Page - STMicroelectronics TSX632A Datasheet HTML 15Page - STMicroelectronics TSX632A Datasheet HTML 16Page - STMicroelectronics TSX632A Datasheet HTML 17Page - STMicroelectronics TSX632A Datasheet HTML 18Page - STMicroelectronics TSX632A Datasheet HTML 19Page - STMicroelectronics TSX632A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Electrical characteristics
TSX63x, TSX63xA
16/31
DocID024293 Rev 1
Figure 20. Slew rate vs. supply voltage
Figure 21. Small step response
Figure 22. Noise vs. frequency at VCC = 16 V
Figure 23. 0.1 Hz to 10 Hz noise at VCC = 16 V
Figure 24. THD+N vs. frequency at
VCC = 16 V
Figure 25. THD+N vs. output voltage at
VCC = 16 V
44668810
10
12
12
14
14
16
16
-0.20
-0.20
-0.15
-0.10
-0.10
-0.05
0.00
0.00
0.05
0.10
0.10
0.15
0.20
0.20
T=-40°C
Vicm=Vcc/2
Vload=Vcc/2
Rl=100kΩ
Cl=100pF
T=125°C
T=25°C
Supply Voltage (V)
0
10
203040
-0.10
-0.10
-0.05
-0.05
0.00
0.00
0.05
0.05
0.10
0.10
Vcc = 16V
Vicm=8V
Rl=100kΩ
Cl=100pF
T=25°C
Time (µs)
10
100
1000
10000
00
50
100
100
150
200
200
250
300
300
350
400
400
Vcc=16V
Vicm=Vcc/2
T=25°C
Frequency (Hz)
024
68
10
-4
-2
0
2
4
Vcc=16V
Vicm=8V
T=25°C
Time (s)
100
1000
10000
0.01
0.1
1
Vcc=16V
Vicm=8V
Gain=1
Vin=1Vpp
BW=80kHz
Rl=100kΩ
T=25°C
Frequency (Hz)
0.01
0.1
1
10
1E-3
0.01
0.1
1
Vcc=16V
Vicm=8V
Gain=1
f=1kHz
BW=22kHz
Rl=100kΩ
T=25°C
Output Voltage (Vpp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com