Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44596 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44596
Description  QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44596 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44596 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44596 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44596 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
Configuration
Connector
QN Male
Connector Interface Type
RG58,RG141,RG303
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, MHz
DC to 1,000
Return Loss, dB
32
Insertion Loss, dB
0.05
Frequency 2
Frequency, GHz
1 to 2.5
VSWR
1:1
Insertion Loss, dB
0.08
Power Handling, Watts
300
Frequency 3
Frequency, GHz
2.5 to 6
Return Loss, dB
27
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
1.355 [34.42]
Width/Dia., in [mm]
0.748 [19.00]
.
Weight, lbs [g]
0.068 [30.84]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303 PE44596
PE44596
PE44596 REV 01
QN Male Connector Crimp/Solder Attachment
For RG58, RG141, RG303


Similar Part No. - PE44596

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
More results

Similar Description - PE44596

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4808 PASTERNACK-PE4808 Datasheet
252Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4804 PASTERNACK-PE4804 Datasheet
253Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG58, RG141, RG303
PE4816 PASTERNACK-PE4816 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp/ Solder Attachment For RG58, RG141, RG303
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE4824 PASTERNACK-PE4824 Datasheet
203Kb / 2P
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44606 PASTERNACK-PE44606 Datasheet
234Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com