Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44649Z Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44649Z
Description  FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44649Z Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44649Z Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44649Z Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44649Z Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color PE44649Z
URL: http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649z-p.aspx
FAKRA Plug Connector Solder Attachment
Thru Hole PCB, Water Blue Color
PE44649Z
PE44649Z REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com