Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80C30 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 45Page - Zilog, Inc. Z80C30 Datasheet HTML 46Page - Zilog, Inc. Z80C30 Datasheet HTML 47Page - Zilog, Inc. Z80C30 Datasheet HTML 48Page - Zilog, Inc. Z80C30 Datasheet HTML 49Page - Zilog, Inc. Z80C30 Datasheet HTML 50Page - Zilog, Inc. Z80C30 Datasheet HTML 51Page - Zilog, Inc. Z80C30 Datasheet HTML 52Page - Zilog, Inc. Z80C30 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
41
Z80C30 Timing
The SCC generates internal control signals from AS and DS that are related to PCLK.
Because PCLK has no phase relationship with AS and DS, the circuitry generating these
internal control signals must provide time for metastable conditions to disappear. This
gives rise to a recovery time related to PCLK. The recovery time applies only between bus
transactions involving the SCC. The recovery time required for proper operation is speci-
fied from the falling edge of DS in the first transaction involving the SCC to the falling
edge of DS in the second transaction involving the SCC. The timings for Z80C30 device is
described below:
• Read Cycle Timing
• Write Cycle Timing
• Interrupt Acknowledge Cycle Timing
Read Cycle Timing
Figure 24 displays the Read cycle timing. The address on AD7–AD0 and the state of CS0
and INTACK are latched by the rising edge of AS. R/W must be High to indicate a Read
cycle. CS1 must also be High for the Read cycle to occur. The data bus drivers in the SCC
are then enabled while DS is Low.
Figure 23. Interrupt Acknowledge Cycle Timing
D7–D0
RD
INTACK
Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com