Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5417NETA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5417NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5417NETA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5417NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
10
______________________________________________________________________________________
Acknowledge
The acknowledge bit is a clocked 9th bit that the recipient
uses to handshake receipt of each byte of data (Figure
6). Thus, each byte transferred effectively requires 9 bits.
The master generates the 9th clock pulse, and the recipi-
ent pulls down SDA during the acknowledge clock pulse,
so the SDA line is stable low during the high period of the
clock pulse. When the master transmits to the
MAX5417/MAX5418/MAX5419, the devices generate the
acknowledge bit because the MAX5417/MAX5418/
MAX5419 are the recipients.
Slave Address
The MAX5417/MAX5418/MAX5419 have a 7-bit-long
slave address (Figure 4). The 8th bit following the 7-bit
slave address is the NOP/W bit. Set the NOP/W bit low for
a write command and high for a no-operation command.
The MAX5417/MAX5418/MAX5419 are available in one
of four possible slave addresses (Table 1). The first 4
bits (MSBs) of the MAX5417/MAX5418/MAX5419 slave
addresses are always 0101. The next 2 bits are factory
programmed (see Table 1). Connect the A0 input to
either GND or VDD to toggle between two unique
device addresses for a part. Each device must have a
unique address to share the bus. Therefore, a maxi-
mum of eight MAX5417/MAX5418/MAX5419 devices
can share the same bus.
Table 1. MAX5417/MAX5418/MAX5419 Address Codes
ADDRESS BYTE
PART SUFFIX
A6
A5
A4
A3
A2
A1
A0
NOP/
W
L
0
1
0
1
0
0
0
NOP/W
L
0
1
0
1
0
0
1
NOP/W
M
0
1
0
1
0
1
0
NOP/W
M
0
1
0
1
0
1
1
NOP/W
N
0
1
0
1
1
0
0
NOP/W
N
0
1
0
1
1
0
1
NOP/W
P
0
1
0
1
1
1
0
NOP/W
P
0
1
0
1
1
1
1
NOP/W
SDA
DATA STABLE,
DATA VALID
CHANGE OF
DATA ALLOWED
SCL
Figure 5. Bit Transfer
1
SCL
START
CONDITION
SDA
28
9
CLOCK PULSE FOR
ACKNOWLEDGMENT
ACKNOWLEDGE
NOT ACKNOWLEDGE
Figure 6. Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com