Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F008 Datasheet(PDF) 2 Page - Rochester Electronics

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

M28F008 Datasheet(HTML) 2 Page - Rochester Electronics

  M28F008 Datasheet HTML 1Page - Rochester Electronics M28F008 Datasheet HTML 2Page - Rochester Electronics M28F008 Datasheet HTML 3Page - Rochester Electronics M28F008 Datasheet HTML 4Page - Rochester Electronics M28F008 Datasheet HTML 5Page - Rochester Electronics M28F008 Datasheet HTML 6Page - Rochester Electronics M28F008 Datasheet HTML 7Page - Rochester Electronics M28F008 Datasheet HTML 8Page - Rochester Electronics M28F008 Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M28F008
Specification Number 28F008-M (I) REV C
Page 2 of 14
Rochester Part Number
Intel Part Number
Package
Temperature
MC28F008-10/B
MC28F008-10
CDIP-40
-55° to +125°C
MC28F008-12/B
MC28F008-12
CDIP-40
-55° to +125°C
MF28F008-10/B
MF28F008-10
FP-42, Ceramic
-55° to +125°C
MF28F008-12/B
MF28F008-12
FP-42, Ceramic
-55° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com