Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC123AMTC Datasheet(PDF) 1 Page - Rochester Electronics

Part # MM74HC123AMTC
Description  Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MM74HC123AMTC Datasheet(HTML) 1 Page - Rochester Electronics

  MM74HC123AMTC Datasheet HTML 1Page - Rochester Electronics MM74HC123AMTC Datasheet HTML 2Page - Rochester Electronics MM74HC123AMTC Datasheet HTML 3Page - Rochester Electronics MM74HC123AMTC Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
74HC123A
© 2013 Rochester Electronics, LLC. All Rights Reserved 04242013
Specification Number 74HC123-I (F) Rev C
Page 1 of 4
© 2001 Fairchild Semiconductor Corporation
DS005206
www.fairchildsemi.com
September 1983
Revised May 2001
MM74HC123A
Dual Retriggerable Monostable Multivibrator
General Description
The MM74HC123A high speed monostable multivibrators
(one shots) utilize advanced silicon-gate CMOS technol-
ogy. They feature speeds comparable to low power Schot-
tky TTL circuitry while retaining the low power and high
noise immunity characteristic of CMOS circuits.
Each multivibrator features both a negative, A, and a posi-
tive, B, transition triggered input, either of which can be
used as an inhibit input. Also included is a clear input that
when taken low resets the one shot. The MM74HC123A
can be triggered on the positive transition of the clear while
A is held LOW and B is held HIGH.
The MM74HC123A is retriggerable. That is it may be trig-
gered repeatedly while their outputs are generating a pulse
and the pulse will be extended.
Pulse width stability over a wide range of temperature and
supply is achieved using linear CMOS techniques. The out-
put pulse equation is simply: PW = (REXT) (CEXT); where
PW is in seconds, R is in ohms, and C is in farads. All
inputs are protected from damage due to static discharge
by diodes to VCC and ground.
Features
Typical propagation delay: 25 ns
Wide power supply range: 2V–6V
Low quiescent current: 80 µA maximum (74HC Series)
Low input current: 1 µA maximum
Fanout of 10 LS-TTL loads
Simple pulse width formula T = RC
Wide pulse range: 400 ns to ∞ (typ)
Part to part variation: ±5% (typ)
Schmitt Trigger A & B inputs allow rise and fall times to
be as slow as one second
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Timing Component
Note: Pin 6 and Pin 14 must be hard-wired to GND.
Order Number
Package Number
Package Description
MM74HC123AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC123ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC123AMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC123AN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
© 2001 Fairchild Semiconductor Corporation
DS005206
www.fairchildsemi.com
September 1983
Revised May 2001
MM74HC123A
Dual Retriggerable Monostable Multivibrator
General Description
The MM74HC123A high speed monostable multivibrators
(one shots) utilize advanced silicon-gate CMOS technol-
ogy. They feature speeds comparable to low power Schot-
tky TTL circuitry while retaining the low power and high
noise immunity characteristic of CMOS circuits.
Each multivibrator features both a negative, A, and a posi-
tive, B, transition triggered input, either of which can be
used as an inhibit input. Also included is a clear input that
when taken low resets the one shot. The MM74HC123A
can be triggered on the positive transition of the clear while
A is held LOW and B is held HIGH.
The MM74HC123A is retriggerable. That is it may be trig-
gered repeatedly while their outputs are generating a pulse
and the pulse will be extended.
Pulse width stability over a wide range of temperature and
supply is achieved using linear CMOS techniques. The out-
put pulse equation is simply: PW = (REXT) (CEXT); where
PW is in seconds, R is in ohms, and C is in farads. All
inputs are protected from damage due to static discharge
by diodes to VCC and ground.
Features
Typical propagation delay: 25 ns
Wide power supply range: 2V–6V
Low quiescent current: 80 µA maximum (74HC Series)
Low input current: 1 µA maximum
Fanout of 10 LS-TTL loads
Simple pulse width formula T = RC
Wide pulse range: 400 ns to ∞ (typ)
Part to part variation: ±5% (typ)
Schmitt Trigger A & B inputs allow rise and fall times to
be as slow as one second
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Timing Component
Note: Pin 6 and Pin 14 must be hard-wired to GND.
Order Number
Package Number
Package Description
MM74HC123AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC123ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC123AMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC123AN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
Rochester Part Number
Fairchild Part Number
Package
Temperature
MM74HC123AN
MM74HC123AN
PDIP-16
-40° to +85°C
MM74HC123AM
MM74HC123AM
SOP-16, Plastic
-40° to +85°C
MM74HC123AMTC
MM74HC123AMTC
TSSOP-16, Plastic
-40° to +85°C
MM74HC123ASJ
MM74HC123ASJ
SOP-16, Plastic
-40° to +85°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.
Please contact factory for specific package availability
and Military/Aerospace specifications/availability.


Similar Part No. - MM74HC123AMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC123AMTC FAIRCHILD-MM74HC123AMTC Datasheet
116Kb / 9P
Dual Retriggerable Monostable Multivibrator
MM74HC123AMTC FAIRCHILD-MM74HC123AMTC Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Rochester Electronics
MM74HC123AMTC ROCHESTER-MM74HC123AMTC Datasheet
620Kb / 1P
MONOSTABLE MULTIVIBRATOR now available in a lead-free package
MM74HC123AMTCX ROCHESTER-MM74HC123AMTCX Datasheet
620Kb / 1P
MONOSTABLE MULTIVIBRATOR now available in a lead-free package
More results

Similar Description - MM74HC123AMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com