Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049 Datasheet(PDF) 5 Page - Rochester Electronics

Part # CD4049
Description  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4049 Datasheet(HTML) 5 Page - Rochester Electronics

  CD4049 Datasheet HTML 1Page - Rochester Electronics CD4049 Datasheet HTML 2Page - Rochester Electronics CD4049 Datasheet HTML 3Page - Rochester Electronics CD4049 Datasheet HTML 4Page - Rochester Electronics CD4049 Datasheet HTML 5Page - Rochester Electronics CD4049 Datasheet HTML 6Page - Rochester Electronics CD4049 Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 5 of 7
DC Electrical Characteristics CD4049UBCCD4050BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b40 C
a25 C
a85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IOL
Low Level Output Current
VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 04V
46
40
5
32
mA
VDD e 10V VO e 05V
98
85
12
68
mA
VDD e 15V VO e 15V
29
25
40
20
mA
IOH
High Level Output Current VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 46V
b10
b09
b16
b072
mA
VDD e 10V VO e 95V
b21
b19
b36
b15
mA
VDD e 15V VO e 135V b71
b62
b12
b5
mA
IIN
Input Current
VDD e 15V VIN e 0V
b03
b03 b10b5
b10
mA
VDD e 15V VIN e 15V
03
03
10b5
10
mA
AC Electrical Characteristics CD4049UBMCD4049UBC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD e 5V
30
65
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tPLH
Propagation Delay Time
VDD e 5V
45
85
ns
Low-to-High Level
VDD e 10V
25
45
ns
VDD e 15V
20
35
ns
tTHL
Transition Time
VDD e 5V
30
60
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tTLH
Transition Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
CIN
Input Capacitance
Any Input
15
225
pF
AC Parameters are guaranteed by DC correlated testing
AC Electrical Characteristics CD4050BMCD4050BC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD e 5V
60
110
ns
High-to-Low Level
VDD e 10V
25
55
ns
VDD e 15V
20
30
ns
tPLH
Propagation Delay Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
tTHL
Transition Time
VDD e 5V
30
60
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tTLH
Transition Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
CIN
Input Capacitance
Any Input
5
75
pF
AC Parameters are guaranteed by DC correlated testing
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com