Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA002 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC24FJ64GA002
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA002 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC24FJ64GA002 Datasheet HTML 9Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 10Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 11Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 12Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 13Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 14Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 15Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 16Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2009-2013 Microchip Technology Inc.
DS80000470H-page 13
PIC24FJ64GA004 FAMILY
30. Module: UART (FIFO Error Flags)
Under certain circumstances, the PERR and
FERR error bits may not be correct for all bytes in
the receive FIFO. This has only been observed
when both of the following conditions are met:
• the UARTx receive interrupt is set to occur when
the FIFO is full or 3/4 full (UxSTA<7:6> = 1x),
and
• more than 2 bytes with an error are received.
In these cases, only the first two bytes, with a
parity or framing error, will have the corresponding
bits indicate correctly. The error bits will not be set
after this.
Work around
None.
Affected Silicon Revisions
31. Module: Core (BOR)
When the on-chip regulator is enabled (DISVREG
tied to VSS), a BOR event may spontaneously
occur under the following circumstances:
•VDD is less than 2.5V, and
• the internal band gap reference is being used as
a reference with the A/D Converter
(AD1PCFG<15> = 0)
Work around
Do not select the internal band gap as a reference
for the A/D Converter when the on-chip regulator
is in Tracking mode (LVDIF (IFS4<8>) = 1).
Affected Silicon Revisions
32. Module: Core (Instruction Set)
If an instruction producing a read-after-write stall
condition is executed inside a REPEAT loop, the
instruction will be executed fewer times than was
intended. For example, this loop:
repeat #0xf
inc [w1],[++w1]
will execute less than 16 times.
Work around
Avoid using REPEAT to repetitively execute
instructions that create a stall condition. Instead,
use a software loop using conditional branches.
The MPLAB® C Compiler will not generate
REPEAT
loops that cause this erratum.
Affected Silicon Revisions
33. Module: Memory (Program Space
Visibility)
When accessing data in the PSV area of data
RAM, it is possible to generate a false address
error trap condition by reading data located
precisely at the lower address boundary (8000h).
If data is read using an instruction with an auto-
decrement, the resulting RAM address will be
below the PSV boundary (i.e., at 7FFEh); this will
result in an address error trap.
This false address error can also occur if a 32-bit
MOV
instruction is used to read the data at location,
8000h.
Work around
Do not use the first location of a PSV page
(address 8000h).
The MPLAB C Compiler (v3.11 or later) supports
the option, -merrata=psv_trap, to prevent it
from generating code that would cause this
erratum.
Affected Silicon Revisions
A3/
A4
B4
B5
B8
XX
X
X
A3/
A4
B4
B5
B8
XX
X
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com