Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ16GA002 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ16GA002
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA002 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ16GA002 Datasheet HTML 1Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 2Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 3Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 4Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PIC24FJ64GA004 FAMILY
DS80000470H-page 2
 2009-2013 Microchip Technology Inc.
TABLE 2:
SILICON ISSUE SUMMARY
Module
Feature
Item
Number
Issue Summary
Affected Revisions(1)
A3/A4
B4
B5
B8
JTAG
—
1.
Persistent pull-up (RA3) when JTAG
disabled.
X
LVD
—
2.
No LVD interrupt with low-voltage condition
at Reset.
X
Core
Idle mode
3.
Clock failure trap fails in Idle mode.
X
Core
Doze mode
4.
RAM read repeats on entering Doze mode.
X
Core
BOR
5.
POR and BOR flags both set on BOR.
X
Core
RAM
6.
RAM size implementation on some devices.
X
A/D
—
7.
Unimplemented channels may be selected.
X
A/D
—
8.
Missing midscale conversion code.
X
A/D
—
9.
Device may not wake when convert on INT0
trigger is selected.
X
I2C
SDA Line
State (I2C1)
10.
Line state may not be detected correctly.
X
UART
—
11.
Reception failures in High-Speed mode.
X
UART
—
12.
Erroneous baud rate calculations in
High-Speed mode.
X
UART
Auto-Baud
13.
Double receive interrupt with auto-baud
reception.
X
UART
Auto-Baud
14.
Insertion of spurious data with auto-baud
reception.
X
UART
Auto-Baud
15.
Auto-baud calculation errors causing
transmit or receive failures.
X
UART
Break
Character
Generation
16.
The UARTx module will not generate
back-to-back Break characters.
XX
XX
Output
Compare
—
17.
Single missed compare events under certain
conditions.
X
SPI
Enhanced
Buffer mode
18.
Some flag bits are set at incorrect times in
Enhanced Buffer mode.
X
SPI
—
19.
Module in Slave mode may ignore SSx pin
and receive data anyway.
X
SPI
Enhanced
Buffer mode
20.
No SPIx interrupt in Enhanced Buffer mode
under certain conditions.
X
I/O
—
21.
Spec change for VOL and VOH.X
I/O
—
22.
OSCO/RA3 driven immediately following
POR.
X
JTAG
—
23.
Sync loss in ICSP™ mode.
X
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com