Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCFN12GE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VCFN12GE
Description  UL 508 Motor Disconnect Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCFN12GE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VCFN12GE Datasheet HTML 1Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 2Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 3Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
8-5
UL 508 Motor
Disconnect Switches
Mini-Vario and Vario™ Accessories
Refer to Catalog 9421CT0301
a
Dimensions for single-hole mounting.
a
Early Break, Late Make.
b
Auxiliary contacts are rated UL/IEC 10/12 A.
Table 8.18:
Door Mounting Switch Body Dimensions
Switch Type
Dimensions
Weight
Approx. lbs.
abc
in.
mm
in.
mm
in.
mm
V02 to V2a
2.83
72
2.17
55
2.91
74
0.44
V02 to V2
2.36
60
2.17
55
2.91
74
0.44
V3 to V4
2.56
65
2.36
60
3.27
83
1.10
V5 to V6
3.54
90
3.54
90
4.92
125
2.00
Table 8.19:
Shaft Extension and Door Interlock
Switch Type
Maximum
Panel Depth
Shaft
Extension
Kit
$ Price
Door
Interlock
Plate
$ Price
Door
Mounting
Plate
$ Price
in.
mm
V02 to V2
13.0
330
VZ17
28.70
KZ32
20.30
KZ83
20.30
V3, V4
12.6
320
VZ18
35.60
KZ74
39.20
KZ81
39.20
V5, V6
13.8
351
VZ18
35.60
KZ74
39.20
KZ81
39.20
V02 to V2
16.9
429
VZ30
35.60
KZ32
20.30
KZ83
20.30
V3, V4
16.5
419
VZ31
42.80
KZ74
39.20
KZ81
39.20
V5, V6
17.7
450
VZ31
42.80
KZ74
39.20
KZ81
39.20
Table 8.20:
Accessories
Switch Type
Line Side
Terminal Shroud
For Main Switch
$ Price
Terminal Shroud
for Add-on
Power Pole
$ Price
Terminal Shroud
for Auxiliary
Contact
$ Price
V02 to V2
VZ8
8.40
VZ26
5.90
VZ29
5.90
V3, V4
VZ9
8.40
VZ27
5.90
VZ29
5.90
V5, V6
VZ10
12.00
VZ28
9.50
VZ29
5.90
Table 8.21:
Add-On Contact Modules
Switch Type
Main Pole
Module
Main
Pole
Ampere
Rating
UL/IEC
$ Price
Auxiliary Contacts
$ Price
1 N.O. &
1 N.C. a
2 N.O.
V02
VZ02
VZ02
10/12
31.50
VZ7b
VZ20b
42.80
V01
VZ01
VZ01
16/20
32.90
V0
VZ0
VZ0
20/25
34.20
V1
VZ1
VZ1
20/32
35.60
V2
VZ2
VZ2
25/40
55.00
V3
VZ3
VZ3
45/63
66.00
V4
VZ4
VZ4
63/80
82.00
V5
—
—
—
—
V6
—
—
—
—
Table 8.22:
Add-On Contact Modules
Switch
Type
Neutral Modules Early
Make/Late Break
Grounding
Module
Auxiliary Contacts
Catalog No.
$ Price Catalog No. $ Price
Catalog No.
Description
$ Price
V02–V2
VZ11
42.80
VZ14
42.80
VZ7
1 Late Make N.O. & 1 Early Break N.C.
42.80
V3–V4
VZ12
54.00
VZ15
54.00
VZ20
2 N.O. Contacts
42.80
V5–V6
VZ13
70.00
VZ16
70.00
——
—
Table 8.23:
Labeling Accessories
Nameplate Holder with Nameplate
Nameplate Holder Only
Nameplate Only
Size
Catalog No.
$ Price
Catalog No.
$ Price
Use With
Catalog No.
$ Price
45 x 45 mm
KZ13
4.80
KZ14
4.40
KZ14
KZ76
3.50
60 x 60 mm
KZ15
4.80
KZ16
4.40
KZ16
KZ77
3.50
90 x 90 mm
KZ103
7.80
KZ101
6.80
KZ1010
KZ100
3.50
Table 8.24:
Shrouds
Switch Type
3-Pole Shroud
Single-Pole Shroud
Catalog No.
$ Price
For Add-On Power Pole
Catalog No.
$ Price
V02–V2
VZ8
8.40
VZ02-VZ2, VZ11 & VZ14
VZ26
5.90
V3–V4
VZ9
8.40
VZ23, VZ4, VZ12 & VZ15
VZ27
6.90
V5–V6
VZ10
12.00
VZ13 & VZ16
VZ28
9.50
——
—
For 2-Pole Aux. Contact
VZ29
5.90
Table 8.25:
Main Pole Module Dimensions
Switch Type
Dimensions
Weight
Approx. lbs.
abc
in.
mm
in.
mm
in.
mm
V02 to VZ2
0.63
16
2.9
74
1.38
35
0.10
VZ3 to VZ4
0.79
20
3.3
83
1.80
46
0.22
1.73
44
1.5-6
a
b
c
.217
5.5
.217
5.5
2.68
68
2.68
68
1.89
48
1.89
48
.512
13
.512
13
Door Interlock Plate
KZ32
Shaft Extension Kit
Add-On Contact Modules
Terminal Shroud
for Auxiliary Contact
VZ29
Terminal Shroud for
Main Switch
VZ8
a
b
c
Main Pole Module
CP1
Discount
Schedule
Courtesy of Steven Engineering, Inc.-230 Ryan Way, South San Francisco, CA 94080-6370-Main Office: (650) 588-9200-Outside Local Area: (800) 258-9200-www.stevenengineering.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com