Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5544ARS Datasheet(PDF) 5 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 5 Page - Analog Devices

  AD5544ARS Datasheet HTML 1Page - Analog Devices AD5544ARS Datasheet HTML 2Page - Analog Devices AD5544ARS Datasheet HTML 3Page - Analog Devices AD5544ARS Datasheet HTML 4Page - Analog Devices AD5544ARS Datasheet HTML 5Page - Analog Devices AD5544ARS Datasheet HTML 6Page - Analog Devices AD5544ARS Datasheet HTML 7Page - Analog Devices AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 5 of 24
Parameter
Symbol
Test Condition/Comments
Min
Typ
Max
Unit
Clock to SDO Propagation
Delay
tPD
2
20
ns
Load DAC Pulse Width
tLDAC
25
ns
Data Setup
tDS
20
ns
Data Hold
tDH
20
ns
Load Setup
tLDS
5
ns
Load Hold
tLDH
25
ns
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
2.7
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
5
µA
Negative Supply Current
ISS
Logic inputs = 0 V, VSS = −5 V
0.001
9
µA
Power Dissipation
PDISS
Logic inputs = 0 V
1.25
mW
Power Supply Sensitivity
PSS
∆VDD = ±5%
0.006
%/%
AC CHARACTERISTICS4
Output Voltage Settling Time
tS
To ±0.1% of full scale, data = 0x0000 to 0x3FFF to 0x0000
0.9
µs
Reference Multiplying
Bandwidth (BW)
BW − 3 dB
VREFx = 5 V p-p, data = 0xFFFF, CFB = 2.0 pF
12
MHz
DAC Glitch Impulse
Q
VREFx = 8 V, data = 0x0000 to 0x2000 to 0x0000
−1
nV-sec
Feedthrough Error
VOUTx/VREFx
Data = 0x0000, VREFx = 100 mV rms, f = 100 kHz
−65
dB
Crosstalk Error
VOUTA/VREFB
Data = 0x0000, VREFB = 100 mV rms, adjacent channel,
f = 100 kHz
−90
dB
Digital Feedthrough
Q
CS = 1, fCLK = 1 MHz
0.6
nV-sec
Total Harmonic Distortion
THD
VREFx = 5 V p-p, data = 0x3FFF, f = 1 kHz
−98
dB
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
7
nV/√Hz
1
All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP177 I-to-V converter amplifier. The AD5554 RFB terminal is
tied to the amplifier output. Typical values represent average readings measured at 25°C.
2
These parameters are guaranteed by design and not subject to production testing.
3
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
4
All ac characteristic tests are performed in a closed-loop system using an AD8038 I-to-V converter amplifier,.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com