Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5544BCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5544BCPZ-R2
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544BCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5544BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. G | Page 18 of 24
LAYOUT AND POWER SUPPLY BYPASSING
It is good practice to employ a compact, minimum lead length
layout design. The leads to the input should be as direct as possible
with a minimum conductor length. Ground paths should have
low resistance and low inductance.
Similarly, it is good practice to bypass the power supplies with
quality capacitors for optimum stability. Supply leads to the device
should be bypassed with 0.01 μF to 0.1 μF disc or chip ceramic
capacitors. Low ESR 1 μF to 10 μF tantalum or electrolytic capaci-
tors should also be applied at VDD to minimize any transient
disturbance and filter any low frequency ripple (see Figure 26).
Users should not apply switching regulators for VDD due to the
power supply rejection ratio (PSRR) degradation over frequency.
AGNDX
VSS
DGND
AD5544/AD5554
VDD
C3
10µF
+
C1
0.1µF
C4
10µF
C2
0.1µF
VSS
VDD
Figure 26. Power Supply Bypassing and Grounding Connection
GROUNDING
The DGND and AGNDx pins of the AD5544/AD5554 serve as
digital and analog ground references. To minimize the digital
ground bounce, the DGND terminal should be joined remotely
at a single point to the analog ground plane (see Figure 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com