Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7694ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD7694ARM
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARM Datasheet(HTML) 4 Page - Analog Devices

  AD7694ARM Datasheet HTML 1Page - Analog Devices AD7694ARM Datasheet HTML 2Page - Analog Devices AD7694ARM Datasheet HTML 3Page - Analog Devices AD7694ARM Datasheet HTML 4Page - Analog Devices AD7694ARM Datasheet HTML 5Page - Analog Devices AD7694ARM Datasheet HTML 6Page - Analog Devices AD7694ARM Datasheet HTML 7Page - Analog Devices AD7694ARM Datasheet HTML 8Page - Analog Devices AD7694ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7694
Rev. A | Page 4 of 16
VDD = 2.7 V to 5.25 V; VREF = VDD; TA = –40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE
Voltage Range
1
VDD
V
Load Current
250 kSPS, VIN+ − VIN− = VREF/2 = 2.5 V
50
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
9
MHz
DIGITAL INPUTS
Logic Levels
VIL
VDD = 4.75 V
0.8
V
VDD = 2.7 V
0.45
V
VIH
VDD = 5.25 V
3.15
V
VDD = 3.3 V
1.9
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format
Serial, 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VDD − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.7
5.25
V
Operating Current
VDD
VDD = 5 V, 100 kSPS throughput
0.8
1.2
mA
VDD = 2.7 V, 100 kSPS throughput
540
960
μA
Standby Current1, 2
VDD = 5 V, 25
°C
1
50
nA
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 With all digital inputs forced to VDD or GND, as required.
2 During acquisition phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com