Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7793EBZ1 Datasheet(PDF) 20 Page - Analog Devices

Part # EVAL-AD7793EBZ1
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7793EBZ1 Datasheet(HTML) 20 Page - Analog Devices

Back Button EVAL-AD7793EBZ1 Datasheet HTML 16Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 17Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 18Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 19Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 20Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 21Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 22Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 23Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7792/AD7793
Rev. B | Page 20 of 32
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7792/AD7793 are low power ADCs that incorporate a
∑-Δ modulator, a buffer, reference, in-amp, and an on-chip
digital filter intended for the measurement of wide dynamic
range, low frequency signals such as those in pressure
transducers, weigh scales, and temperature measurement
applications.
The part has three differential inputs that can be buffered or
unbuffered. The device can be operated with the internal 1.17 V
reference, or an external reference can be used. Figure 12 shows
the basic connections required to operate the part.
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7792/AD7793
AIN2(+)
REFIN(+)
REFIN(–)
AIN2(–)
AVDD
GND
MUX
BAND GAP
REFERENCE
INTERNAL
CLOCK
CLK
GND
GND
AVDD
AVDD
IN-AMP
BUF
REFIN(+) REFIN(–)
VBIAS
AIN1(+)
AIN1(–)
R
R
THERMOCOUPLE
JUNCTION
C
RREF
IOUT2
Figure 12. Basic Connection Diagram
The output rate of the AD7792/AD7793 (fADC) is user-program-
mable. The allowable update rates, along with their corresponding
settling times, are listed in Table 16. Normal mode rejection is
the major function of the digital filter. Simultaneous 50 Hz and
60 Hz rejection is optimized when the update rate equals
16.7 Hz or less as notches are placed at both 50 Hz and 60 Hz
with these update rates. See Figure 14.
The AD7792/AD7793 use slightly different filter types,
depending on the output update rate so that the rejection of
quantization noise and device noise is optimized. When the
update rate is from 4.17 Hz to 12.5 Hz, a Sinc3 filter, along with
an averaging filter, is used. When the update rate is from
16.7 Hz to 39 Hz, a modified Sinc3 filter is used. This filter
provides simultaneous 50 Hz/60 Hz rejection when the update
rate equals 16.7 Hz. A Sinc4 filter is used when the update rate
is from 50 Hz to 242 Hz. Finally, an integrate-only filter is used
when the update rate equals 470 Hz.
Figure 13 to Figure 16 show the frequency response of the
different filter types for several update rates.
0
–20
–40
–60
–80
–100
0
120
100
80
60
40
20
FREQUENCY (Hz)
Figure 13. Filter Profile with Update Rate = 4.17 Hz
0
–20
–40
–60
–80
–100
0
200
180
160
140
120
100
80
60
40
20
FREQUENCY (Hz)
Figure 14. Filter Profile with Update Rate = 16.7 Hz
0
–20
–40
–60
–80
–100
0
3000
2500
2000
1500
1000
500
FREQUENCY (Hz)
Figure 15. Filter Profile with Update Rate = 242 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com