Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8331ARQZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD8331ARQZ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD8331ARQZ Datasheet HTML 45Page - Analog Devices AD8331ARQZ Datasheet HTML 46Page - Analog Devices AD8331ARQZ Datasheet HTML 47Page - Analog Devices AD8331ARQZ Datasheet HTML 48Page - Analog Devices AD8331ARQZ Datasheet HTML 49Page - Analog Devices AD8331ARQZ Datasheet HTML 50Page - Analog Devices AD8331ARQZ Datasheet HTML 51Page - Analog Devices AD8331ARQZ Datasheet HTML 52Page - Analog Devices AD8331ARQZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 49 of 56
EVALUATION BOARD SCHEMATICS
COM34
VOL2
VOH2
VOH1
VOL1
COM12
VPS34
COMM34
LMD2
LON2
INH2
VOH3
VOH4
VOL3
VOL4
VPSV2
COM12
25 26 27
17 18
19
21 22
23 24
15
16
8
7
6
5
1
4
3
2
14
13
9
12
11
10
50 49
56
55
51
54 53 52
35
36
37
38
42
39
40
41
34
33
30
31
32
48
47
43
46
45
44
58 57
59
62
61
60
VPS2
VIP2
VIN2
LOP2
VPS3
VIP3
VIN3
LMD3
LON3
INH3
LOP3
NC
NC
3
MODE
63
64
20
C7
0.1 µF
INH2
IN2
C8
22 pF
L7
120 nH
CFB2
18 nF
C2
0.1 µF
LO2
1
R151
0Ω
R141
0Ω
RFB2
274Ω
C69
0.1 µF
L2
120 nH
C71
0.1 µF
L3
120 nH
C3
0.1µF
C9
0.1 µF
INH3
C10
22 pF
L6
120 nH
CFB3
18 nF
LO3
1
R18
1
R19
1
RFB3
274Ω
C26
0.1 µF
C27
0.1 µF
C21
0.1 µF
C22
0.1 µF
IN3
CFB4
18 nF
C11
0.1 µF
L8
120 nH
C12
22 pF
C4
0.1 µF
RFB4
274Ω
C32
0.1 µF
C31
0.1 µF
LO4
1
R23
1
R22
1
+5V
L4
120 nH
C62
0.1 µF
R50
4.02kΩ
+5V
VO2
L13
120 nH
L11
120 nH
RX4
100Ω
RX3
100Ω
VO1
L10
120 nH
L9
120 nH
RX2
100Ω
RX1
100Ω
C75
0.1 µF
L12
120 nH FB
+5V
VO3
L14
120 nH
L15
120 nH
RX5
100Ω
RX6
100Ω
VO4
L16
120 nH
L17
120 nH
RX7
100Ω
RX8
100Ω
L34
120 nH
+5V
C77
0.1 µF
+5V
CFB1
18 nF
C5
0.1 µF
INH1
L5
120 nH
C6
22 pF
C1
0.1 µF
RFB1
274Ω
C17
0.1 µF
C16
0.1 µF
LO1
1
R11
1
R10
1
+5V
L1
120 nH
R49
4.02kΩ
C59
0.1 µF
C57
0.1 µF
IN4
IN1
HI
LO
SLOPE
D
U
E
D
E
D
+5V
+5V
28 29
+5V
EN34
EN 12
HIL O
+5V
+
C14
10 µF
GND1 GND2 GND3
GND6
GND5
GND4
ICR4
CR4
12
3
ICR3
CR3
12
3
ICR2
CR2
1
2
3
ICR1
CR1
12
3
CLMP34
NOTES
1 COMPONENTS IN GRAY ARE OPTIONAL USER SUPPLIED.
2 NC = NO CONNECT.
AD8334
NC
Figure 115. AD8334-EVALZ Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com