Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9244-40PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9244-40PCB
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 12Page - Analog Devices AD9244-40PCB Datasheet HTML 13Page - Analog Devices AD9244-40PCB Datasheet HTML 14Page - Analog Devices AD9244-40PCB Datasheet HTML 15Page - Analog Devices AD9244-40PCB Datasheet HTML 16Page - Analog Devices AD9244-40PCB Datasheet HTML 17Page - Analog Devices AD9244-40PCB Datasheet HTML 18Page - Analog Devices AD9244-40PCB Datasheet HTML 19Page - Analog Devices AD9244-40PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9244
Rev. C | Page 16 of 36
FREQUENCY (MHz)
32.5
05
25
20
15
10
30.0
0
–20
–40
–60
–80
–100
–120
SNR = 62.6dBc
SFDR = 60.7dBc
Figure 34. Dual-Tone with fIN−1 = 239.1 MHz and
fIN−2 = 240.7 MHz (AIN−1 = AIN−2 = –6.5 dBFS)
FREQUENCY (MHz)
0
5
10
15
20
25
30
0
–20
–10
–40
–30
–60
–50
–100
–110
–90
–80
–70
–120
SNR = 71.3dBc
THD = –90.8dBc
NOTE: SPUR FLOOR
BELOW 90dBFS @ 240MHz
Figure 35. Driving ADC Inputs with Transformer and Balun,
fIN = 240 MHz, AIN = –8.5 dBFS
INPUT FREQUENCY (MHz)
250
0
50
100
150
200
105
100
95
90
85
80
75
70
65
Figure 36. CMRR vs. Input Frequency (AIN = 0 dBFS and CML = 2.5 V)
AIN (dBFS)
–5
–30
–25
–20
–15
–10
100
90
80
70
60
50
40
SFDR = 90dBc
REFERENCE LINE
SNR (dBc)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
Figure 37. Dual-Tone SNR/SFDR vs. AIN with
fIN−1 = 239.1 MHz and fIN−2 = 240.7 MHz
AIN (dBFS)
0
–21
–18
–15
–12
–9
–6
–3
100
85
90
95
80
75
70
65
60
55
50
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
SFDR = 90dBc
REFERENCE LINE
Figure 38. Driving ADC Inputs with Transformer and
Balun SNR/SFDR vs. AIN, fIN = 240 MHz
AIN (dBFS)
0
–21
–18
–15
–12
–9
–6
–3
95
90
85
80
75
70
65
60
55
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
SFDR = 90dBc
REFERENCE LINE
Figure 39. Driving ADC Inputs with Transformer and
Balun SNR/SFDR vs. AIN, fIN = 190 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com