Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764ASUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5764ASUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764ASUZ Datasheet(HTML) 4 Page - Analog Devices

  AD5764ASUZ Datasheet HTML 1Page - Analog Devices AD5764ASUZ Datasheet HTML 2Page - Analog Devices AD5764ASUZ Datasheet HTML 3Page - Analog Devices AD5764ASUZ Datasheet HTML 4Page - Analog Devices AD5764ASUZ Datasheet HTML 5Page - Analog Devices AD5764ASUZ Datasheet HTML 6Page - Analog Devices AD5764ASUZ Datasheet HTML 7Page - Analog Devices AD5764ASUZ Datasheet HTML 8Page - Analog Devices AD5764ASUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5764
Data Sheet
Rev. F | Page 4 of 28
SPECIFICATIONS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGNDx = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 5 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. Temperature range: −40°C to +85°C; typical at +25°C. Device functionality is
guaranteed to +105°C with degraded performance. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Grade
B Grade
C Grade
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
16
16
16
Bits
Relative Accuracy (INL)
±4
±2
±1
LSB max
Differential Nonlinearity
±1
±1
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±2
±2
±2
mV max
At 25°C; error at other temperatures
obtained using bipolar zero TC
Bipolar Zero Temperature
Coefficient (TC)1
±2
±2
±2
ppm FSR/°C max
Zero-Scale Error
±2
±2
±2
mV max
At 25°C; error at other temperatures
obtained using zero-scale TC
Zero-Scale TC1
±2
±2
±2
ppm FSR/°C max
Gain Error
±0.02
±0.02
±0.02
% FSR max
At 25°C; error at other temperatures
obtained using gain TC
Gain TC1
±2
±2
±2
ppm FSR/°C max
DC Crosstalk1
0.5
0.5
0.5
LSB max
REFERENCE INPUT1
Reference Input Voltage
5
5
5
V nom
±1% for specified performance
DC Input Impedance
1
1
1
MΩ min
Typically 100 MΩ
Input Current
±10
±10
±10
μA max
Typically ±30 nA
Reference Range
1 to 7
1 to 7
1 to 7
V min to V max
OUTPUT CHARACTERISTICS1
Output Voltage Range2
±10.5263
±10.5263
±10.5263
V min to V max
AVDD/AVSS = ±11.4 V, VREFIN = 5 V
±14
±14
±14
V min to V max
AVDD/AVSS = ±16.5 V, VREFIN = 7 V
Output Voltage Drift vs. Time
±13
±13
±13
ppm FSR/
500 hours typ
±15
±15
±15
ppm FSR/
1000 hours typ
Short-Circuit Current
10
10
10
mA typ
RISCC = 6 kΩ, see Figure 31
Load Current
±1
±1
±1
mA max
For specified performance
Capacitive Load Stability
RLOAD = ∞
200
200
200
pF max
RLOAD = 10 kΩ
1000
1000
1000
pF max
DC Output Impedance
0.3
0.3
0.3
Ω max
DIGITAL INPUTS
DVCC = 2.7 V to 5.25 V, JEDEC compliant
Input High Voltage, VIH
2
2
2
V min
Input Low Voltage, VIL
0.8
0.8
0.8
V max
Input Current
±1
±1
±1
μA max
Per pin
Pin Capacitance
10
10
10
pF max
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com