Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ27VAL-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ27VAL-7-F
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ27VAL-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ27VAL-7-F Datasheet HTML 1Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 2Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 3Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 4Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 5Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 14 - 2
2 of 6
www.diodes.com
January 2013
© Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation
MMBZ5V6AL - MMBZ10VAL
(Note 6)
Ppk
24
W
Peak Power Dissipation
MMBZ15VAL - MMBZ33VAL
(Note 6)
Ppk
40
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
225
mW
Thermal Resistance, Junction to Ambient Air
(Note 5)
RθJA
556
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
24 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
Max
Reverse
Current, IR
@ VRWM
(Note 7)
Breakdown Voltage
Max. Clamping Voltage,
VC @ IPP (Note 6)
Typical
Temperature
Coefficient
of Reverse
Voltage
VBR (Note 7) (V)
@ IT
VC
IPP
Volts
µA
Min
Nom
Max
mA
V
A
TC (mV/°C)
MMBZ5V6AL
K9A
3
5.0
5.32
5.6
5.88
20
8.0
3.0
1.8
24 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
Max
Reverse
Current, IR
@ VRWM
(Note 7)
Breakdown Voltage
Max. Clamping Voltage,
VC @ IPP (Note 6)
Typical
Temperature
Coefficient
of Reverse
Voltage
VBR (Note 7) (V)
@ IT
VC
IPP
Volts
µA
Min
Nom
Max
mA
V
A
TC (%/°C)
MMBZ6V2AL
K9B
3.0
0.5
5.89
6.2
6.51
1.0
8.7
2.76
+0.04
MMBZ6V8AL
K9C
4.5
0.5
6.46
6.8
7.14
1.0
9.6
2.5
+0.045
MMBZ9V1AL
K9D
6.0
0.3
8.65
9.1
9.56
1.0
14
1.7
+0.065
MMBZ10VAL
K9E
6.5
0.3
9.50
10
10.5
1.0
14.2
1.7
+0.065
40 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
Max.
Reverse
Current, IR
@ VRWM
(Note 7)
Breakdown Voltage
Max. Clamping Voltage,
VC @ IPP (Note 6)
Typical
Temperature
Coefficient
of Reverse
Voltage
VBR (Note 7) (V)
@ IT
VC
IPP
Volts
nA
Min
Nom
Max
mA
V
A
TC (%/°C)
MMBZ15VAL
K9K
12
50
14.25
15
15.75
1.0
21
1.9
+0.080
MMBZ18VAL
K9L
14.5
50
17.10
18
18.90
1.0
25
1.6
+0.090
MMBZ20VAL
K9N
17
50
19.00
20
21.00
1.0
28
1.4
+0.090
MMBZ27VAL
K9Q
22
50
25.65
27
28.35
1.0
40
1.0
+0.090
MMBZ33VAL
K9T
26
50
31.35
33
34.65
1.0
46
0.87
+0.090
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Non-repetitive current pulse per Figure 2 and derate above TA = +25°C per Figure 2.
7. Short duration pulse test used to minimize self-heating effect.
8. MMBZ5V6AL and MMBZ15VAL exceed 16kV ESD rating, all other voltages exceed 8kV ESD rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com