Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBLC6-2SC6Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBLC6-2SC6Y
Description  Very low capacitance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6Y Datasheet(HTML) 4 Page - STMicroelectronics

  USBLC6-2SC6Y Datasheet HTML 1Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 2Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Technical information
USBLC6-2
4/14
Doc ID 11265 Rev 5
2
Technical information
2.1
Surge protection
The USBLC6-2 is particularly optimized to perform surge protection based on the rail to rail
topology.
The clamping voltage VCL can be calculated as follow:
VCL+ = VTRANSIL + VF for positive surges
VCL- = - VF for negative surges
with: VF = VT + Rd.Ip
(VF forward drop voltage) / (VT forward drop threshold voltage)
and VTRANSIL = VBR + Rd_TRANSIL.IP
Calculation example
We assume that the value of the dynamic resistance of the clamping diode is typically:
Rd = 0.5 Ω and VT = 1.1 V
We assume that the value of the dynamic resistance of the transil diode is typically:
Rd_TRANSIL = 0.5 Ω and VBR = 6.1 V
For an IEC 61000-4-2 surge Level 4 (Contact Discharge: Vg = 8 kV, Rg = 330 Ω),
VBUS = +5 V, and if in first approximation, we assume that:
Ip = Vg / Rg = 24 A.
So, we find:
VCL+ = +31.2 V
VCL- = -13 V
Note:
The calculations do not take into account phenomena due to parasitic inductances.
2.2
Surge protection application example
If we consider that the connections from the pin VBUS to VCC, from I/O to data line and from
GND to PCB GND plane are done by tracks of 10 mm long and 0.5 mm large, we assume
that the parasitic inductances LVBUS, LI/O and LGND of these tracks are about 6 nH. So when
an IEC 61000-4-2 surge occurs on data line, due to the rise time of this spike (tr=1ns), the
voltage VCL has an extra value equal to LI/O.dl/dt + LGND.dI/dt.
The dI/dt is calculated as:
dI/dt = Ip/tr = 24 A/ns
The overvoltage due to the parasitic inductances is:
LI/O.dl/dt = LGND.dI/dt = 6 nH x 24 A/ns = 144 V
By taking into account the effect of these parasitic inductances due to unsuitable layout, the
clamping voltage will be:
VCL+ = +31.2 + 144 + 144 = 319.2 V
VCL- = -13.1 - 144 - 144 = -301.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com