Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN380 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN380
Description  SMART SOLENOID DRIVER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN380 Datasheet(HTML) 5 Page - STMicroelectronics

  VN380 Datasheet HTML 1Page - STMicroelectronics VN380 Datasheet HTML 2Page - STMicroelectronics VN380 Datasheet HTML 3Page - STMicroelectronics VN380 Datasheet HTML 4Page - STMicroelectronics VN380 Datasheet HTML 5Page - STMicroelectronics VN380 Datasheet HTML 6Page - STMicroelectronics VN380 Datasheet HTML 7Page - STMicroelectronics VN380 Datasheet HTML 8Page - STMicroelectronics VN380 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
FUNCTIONAL DESCRIPTION
- CURRENT CUT OFF
When the load current rise above the current cut off level, S1 is automatically switched off and the
devices operates in recirculation mode (S2 active). S1is latched off until A goes low and high again.
This default is not displayed by diagnostic flag.
- OPEN LOAD
If the load current is below the open load current level, the flag of the open load block is activated but
this default is displayed by the diagnostic output on the falling edge of input B and the diagnostic output
is latched at low level until input A goes low and high again. In case an open load is detected during an
active phase of input B, but disappears before a falling edge of input B, this default is not dispayed by
the diagnostic flag (see open load waveforms).
- THERMAL SHUTDOWN
The device is internally protected against over temperatures by the thermal circuit protection. When the
device junction temperature exceeds the protection limit, S1 is automatically switched off. Therefore the
device operates in recirculation mode (S2 active). S1 remain latched off until Vpwr1 goes low and high
again. This default is not dispayed by the diagnostic flag.
OVERVOLTAGE
During the ON state of S1 switch, if Vpwr1 or Vpwr2 is rising above the threshold detection S1 is
automatically switched off, therefore the device operates in recirculation mode.
FIGURE 1: SWITCHING PARAMETER TEST CONDITIONS
VN380
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com