Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN800PSTR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN800PSTR-E Datasheet HTML 1Page - STMicroelectronics VN800PSTR-E Datasheet HTML 2Page - STMicroelectronics VN800PSTR-E Datasheet HTML 3Page - STMicroelectronics VN800PSTR-E Datasheet HTML 4Page - STMicroelectronics VN800PSTR-E Datasheet HTML 5Page - STMicroelectronics VN800PSTR-E Datasheet HTML 6Page - STMicroelectronics VN800PSTR-E Datasheet HTML 7Page - STMicroelectronics VN800PSTR-E Datasheet HTML 8Page - STMicroelectronics VN800PSTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
February 2011
Doc ID 15610 Rev 3
1/27
1
VN800PS-E
High-side driver
Features
■ ECOPACK®: lead free and RoHS compliant
■ Automotive Grade: compliance with AEC
guidelines
■ Very low standby current
■ CMOS compatible input
■ Thermal shutdown protection and diagnosis
■ Undervoltage shutdown
■ Overvoltage clamp
■ Load current limitation
■ Reverse battery protection
■ Electrostatic discharge protection
Description
The VN800PS-E is monolithic device made by
using STMicroelectronics™ VIPower™ M0-3
technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes. Active current
limitation combined with thermal shutdown and
automatic restart protect the device against
overload. Device automatically turns off in case of
ground pin disconnection.
This device is especially suitable for industrial
applications in norms conformity with IEC1131
(Programmable Controllers International
Standard).
Type
RDS(on)
IOUT
VCC
VN800PS-E
135 m
Ω
0.7 A
36 V
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-8
VN800PS-E
VN800PSTR-E
SO-8
www.st.com


Similar Part No. - VN800PSTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
VN800PS.E STMICROELECTRONICS-VN800PS.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN800PSTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN751S STMICROELECTRONICS-VN751S Datasheet
555Kb / 17P
High side driver
08-Jul-2008
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com