Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ660SPTR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ660SPTR-E Datasheet HTML 1Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 2Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 3Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 4Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 5Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 6Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 7Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 8Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
December 2008
Rev 5
1/26
26
VNQ660SP
Quad channel high side solid state relay
Features
CMOS compatible inputs
Off state open load detection
Undervoltage and overvoltage shutdown
Overvoltage clamp
Thermal shutdown
Current limitation
Very low standby power dissipation
Protection against loss of ground and loss of
VCC
Reverse battery protection(a)
Description
The VNQ660SP is a monolithic device made by
using| STMicroelectronics VIPower M0-3
Technology, intended for driving resistive or
inductive loads with one side connected to
ground.
This device has four independent channels. Built-
in thermal shutdown and output current limitation
protect the chip from over temperature and short
circuit.
Type
RDS(on)
IOUT
VCC
VNQ660SP
50m
(1)
1.
Per each channel.
6A
36V
a.
See Application schematic on page 16
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10
VNQ660SP
VNQ660SP13TR
www.st.com


Similar Part No. - VNQ660SPTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
412Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ660SP13TR STMICROELECTRONICS-VNQ660SP13TR Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
More results

Similar Description - VNQ660SPTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ05XSP16 STMICROELECTRONICS-VNQ05XSP16 Datasheet
247Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Jun-2003
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
Quad channel high side solid state relay
02-Dec-2008
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com