Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL972IPE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPE4
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL972IPE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL972IPE4 Datasheet HTML 2Page - Texas Instruments TL972IPE4 Datasheet HTML 3Page - Texas Instruments TL972IPE4 Datasheet HTML 4Page - Texas Instruments TL972IPE4 Datasheet HTML 5Page - Texas Instruments TL972IPE4 Datasheet HTML 6Page - Texas Instruments TL972IPE4 Datasheet HTML 7Page - Texas Instruments TL972IPE4 Datasheet HTML 8Page - Texas Instruments TL972IPE4 Datasheet HTML 9Page - Texas Instruments TL972IPE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
4
8
12
16
20
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Output Current – mA
0
4
8
12
16
20
24
28
32
2
4
6
8
10
12
14
Supply Voltage – V
CL = 30 pF
CL = 130 pF
CL = 250 pF
0.0001
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage – Vrms
VCC = 5 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
Ω
k
Ω
1
10
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
VCC = 10 V
RS = 100 ©
AV = 40 dB
10
100
1k
10k
100k
Ω
TL971, TL972, TL974
SLOS467G – OCTOBER 2006 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
INPUT VOLTAGE NOISE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
GAIN BANDWIDTH PRODUCT
GAIN BANDWIDTH PRODUCT
vs
vs
OUTPUT CURRENT
SUPPLY VOLTAGE
6
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): TL971 TL972 TL974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com