Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTHF750R-59H Datasheet(PDF) 2 Page - API Delevan

Part # PTHF750R-59H
Description  Toroidal Power Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PTHF750R-59H Datasheet(HTML) 2 Page - API Delevan

  PTHF750R-59H Datasheet HTML 1Page - API Delevan PTHF750R-59H Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SERIES PTHFxxxxR & PTKMxxxxR
PTHF & PTKM
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
PT**10-50
PT**25-50
PT**50-50
PT**75-50
PT**100-50
PT**150-50
PT**200-50
PT**250-50
PT**330-50
PT**10-121
PT**25-121
PT**50-121
PT**75-121
PT**100-121
PT**150-121
PT**250-121
PT**10-59
PT**25-59
PT**50-59
PT**75-59
PT**100-59
PT**150-59
PT**250-59
PT**500-59
PT**750-59
PT**25-894
PT**50-894
PT**75-894
PT**100-894
PT**150-894
PT**250-894
PT**500-894
PT**750-894
PT**1000-894
A Nominal*
15.88
15.88
15.87
15.87
15.87
15.87
15.87
15.87
15.87
20.83
20.83
20.83
20.83
20.83
21.59
21.59
27.94
27.94
27.94
27.94
27.94
27.94
29.21
29.21
29.21
33.02
33.02
33.02
33.02
33.02
33.02
33.02
33.02
33.02
0.625
0.625
0.625
0.625
0.625
0.625
0.625
0.625
0.625
0.820
0.820
0.820
0.820
0.820
0.850
0.850
1.100
1.100
1.100
1.100
1.100
1.100
1.150
1.150
1.150
1.300
1.300
1.300
1.300
1.300
1.300
1.300
1.300
1.300
B Nominal*
7.62
7.62
7.62
7.62
7.62
7.62
7.62
7.62
7.62
10.16
10.16
10.16
10.16
10.16
10.16
10.16
12.06
12.06
12.06
12.06
12.06
12.06
12.06
12.06
12.06
16.51
16.51
16.51
16.51
16.51
16.51
16.51
16.51
16.51
0.300
0.300
0.300
0.300
0.300
0.300
0.300
0.300
0.300
0.400
0.400
0.400
0.400
0.400
0.400
0.400
0.475
0.475
0.475
0.475
0.475
0.475
0.475
0.475
0.475
0.650
0.650
0.650
0.650
0.650
0.650
0.650
0.650
0.650
C Typical
6.35
6.35
6.35
6.35
6.35
6.35
6.35
6.35
6.35
8.13
8.13
8.13
8.13
8.13
8.13
8.13
9.40
9.40
9.40
9.40
9.40
11.43
11.43
11.43
11.43
15.24
15.24
15.24
15.24
15.24
15.24
15.24
15.24
15.24
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.320
0.320
0.320
0.320
0.320
0.320
0.320
0.370
0.370
0.370
0.370
0.370
0.450
0.450
0.450
0.450
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
D Nominal*
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
19.05
19.05
19.05
19.05
19.05
19.05
19.05
19.05
19.05
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.750
0.750
0.750
0.750
0.750
0.750
0.750
0.750
0.750
E Nominal*
0.91
0.81
0.71
0.63
0.63
0.51
0.46
0.46
0.46
1.02
1.02
0.91
0.81
0.71
0.63
0.58
1.30
1.30
1.14
1.02
0.91
0.91
0.81
0.71
0.63
1.3
1.30
1.30
1.30
1.14
1.02
0.81
0.81
0.71
0.036
0.032
0.028
0.025
0.025
0.020
0.018
0.018
0.018
0.040
0.040
0.036
0.032
0.028
0.025
0.023
0.051
0.051
0.045
0.040
0.036
0.036
0.032
0.028
0.025
0.064
0.051
0.051
0.051
0.045
0.040
0.032
0.032
0.028
F Nominal*
15.24
15.24
15.24
15.24
15.24
15.24
15.24
15.24
15.24
19.81
19.81
19.81
19.81
19.81
19.81
19.81
26.67
26.67
26.67
26.67
26.67
26.67
26.67
26.67
26.67
31.75
31.75
31.75
31.75
31.75
31.75
31.75
31.75
31.75
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.780
0.780
0.780
0.780
0.780
0.780
0.780
1.050
1.050
1.050
1.050
1.050
1.050
1.050
1.050
1.050
1.250
1.250
1.250
1.250
1.250
1.250
1.250
1.250
1.250
PHYSICAL PARAMETERS
* Nominal Dimensions Allow up to 10% of nominal for maximum size
** Part Number Insert HF of KM for complete part number, and suffix “H” for horizontal mounting
Electrical Information on Preceding Page
Toroidal Power Chokes – Horizontal or Vertical Mount
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 2:43 PM Page 108



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com