Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB184 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB184
Description  17 mm Rotary Potentiometer w/Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB184 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB184 Datasheet HTML 1Page - Bourns Electronic Solutions PDB184 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.75
(.030)
M7 X
0.75
(.030)
M7 X
0.5
(.020)
T =
7.2
(.283)
DIA.
3.6 ± 0.3
(.142 ± .012)
10.0 ± 0.3
(.394 ± .012)
12.0 ± 0.3
(.472 ± .012)
2.0 ± 0.3
(.079 ± .012)
2.0 ± 0.3
(.079 ± .012)
NUT
WASHER
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
3.0 ± 0.3
(.118 ± .012)
6.0 ± 0.3
(.236 ± .012)
R2
2.5 ± 0.3
(.098 ± .012)
1.4 ± 0.3
(.055 ± .012)
3.0 ± 0.3
(.118 ± .012)
1.0 ± 0.3
(.039 ± .012)
6.0 ± 0.3
(.236 ± .012)
11.7 ± 0.5
(.461 ± .020)
20.0 ± 0.5
(.787 ± .020)
10.0 ± 0.5
(.394 ± .020)
6.5 ± 0.3
(.256 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.2 ± 0.3
(.047 ± .012)
30 °
FULL CCW
17.0 ± 0.5
(.669 ± .020)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB184 - 17 mm Rotary Potentiometer w/Rotary Switch
Product Dimensions
DIMENSIONS:
MM
(INCHES)
REV. 02/10
Tapers
PDB184-S
1.2
(.047)
DIA.
MOUNTING
SURFACE
6 PLCS.
5.5 ± 0.3
(.217 ± .012)
4.0 ± 0.3
(.157 ± .012)
A
A
B
B
C
C
1
1
2
2
3
3
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
Schematic
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
110
100
Terminal 1
Terminal 3
120
A Taper
Rotational Travel (%)
A1
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
110
100
Terminal 1
Terminal 3
120
B Taper
Rotational Travel (%)
B1
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
110
100
Terminal 1
Terminal 3
120
C Taper
Rotational Travel (%)
How To Order
PDB184 - K 4 25 K - 103 A1
Model
Terminal Configuration (Pin Layout)
(see individual drawings)
• K = PC Pins Vertical/Down Facing(12.5 mm)
• S = Solder Lugs Vertical/Down Facing
Detent Option
• 4 = No Detents
Standard Shaft Length
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Shaft Style
• K = Metal Knurled Type Shaft - 18 Toothed Serration Type
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
Applications
■ Car audio controls
■ Amplifiers
■ Mixers
■ Drum machines
■ Synthesizers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com