Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH90 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTH90
Description  PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTH90 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTH90 Datasheet HTML 1Page - Bourns Electronic Solutions PTH90 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L2
L1
9.5
(0.374)
7.0
(0.276)
8.5
(0.335)
10.0
(0.394)
18.3 ± 1.0
(0.720 ± 0.039)
0.8 ± 0.2
(0.031 ± 0.002)
0.9 ± 0.1
(0.035 ± 0.004)
XX
Y
60 °
3.5
(0.138)
4.85
(0.191)
6.5 ± 0.5
(0.256 ± 0.002)
3.5 +0/-0.05
(0.138 +0/-0.002)
6.0 + 0/-0.05
(0.236 +0/-0.002)
DIA.
C0.5
SW
R2
R1
0.75
0.030
M7 x
DIA.
2.5 +0/-0.05
(0.098 +0/-0.002)
5.0 + 0/-0.1
(0.197 +0/-0.004)
Features
■ Carbon element
■ Assortment of resistance tapers
■ Variety of shaft lengths
■ Dual gang element
■ Flatted, slotted and knurled shaft styles
■ Center detent option
PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
............................1K ohms to 1 megohm
Standard Resistance Tolerance
R < 250K ohms .............................±20 %
R ≥ 250K ohms .............................±30 %
End Resistance
R < 50K ohms .................. 30 ohms max.
R ≥ 50K ohms ............. 0.1 % of TR max.
Insulation Resistance @ 250 VDC
................................. 100 megohms min.
Dielectric Withstanding Voltage ....300 VAC
Standard Taper ...................... Linear, Audio
Power Rating
Linear ....................................... 0.05 watt
Audio........................................ 0.05 watt
Slider Noise ...........................100 mV max.
Operating Voltage........... 50 VAC / 10 VDC
Environmental Characteristics
Operational Life .................... 15,000 cycles
TR Shift .........................................±15 %
Operating Temperature Range
......................................-10 °C to +55 °C
Resistance to Solder Heat..................±5 %
IP Rating.............................................IP 40
Mechanical Characteristics
Mechanical Angle ....................... 300 ° ±3 °
Operating Torque..................20~250 gf-cm
Stop Strength...................... 10 kgf-cm min.
Mounting Torque................ 10 kgf-cm max.
Shaft Push/Pull Strength ......... 10 kgf max.
Soldering Condition
Manual ............... 300 °C ±5 °C for 3 sec.
Wave.................. 260 °C ±5 °C for 5 sec.
Wash......................... Not recommended
Hardware ....................One flat washer and
one mounting nut supplied with
each potentiometer
Switch Characteristics
Power Rating .......................3 A @ 16 VDC
Contact Resistance .............. 100 milliohms
Dielectric Strength
Bushing to Terminals.................300 VAC
Switch Terminals .........................50 VAC
Insulation Resistance
Bushing to Terminals @ 250 VAC
......................................... 100 megohms
Switch Terminals @ 50 VAC
........................................... 10 megohms
Switch Type ..................................... Rotary
Contact Arrangement.........................SPST
Switching Angle ...........................50 ° max.
Detent Torque ........................... 500 kgf-cm
Operating Life ....................... 10,000 cycles
Product Dimensions
(Shown with Flatted Shaft)
DIMENSIONS:
MM
(INCHES)
Mounting Hole Detail
Knurled Shaft
L1
L2
30.0
(1.181)
20.0
(.787)
35.0
(1.378)
25.0
(.984)
Locating Lug Detail
2.0 ± 0.1
(0.079 ± 0.004)
Y
Y
XX
0.8 ± 0.2
(0.315 ± 0.008)
6.0 ± 0.2
(0.236 ± 0.008)
5.0
(0.197)
6.5
(0.256)
5.0
(0.197)
5.0
(0.197)
1.0 +0.1/-0
(0.039 +0.004/-0)
DIA.
MOUNTING
SURFACE
8 PLCS.
Additional Shaft Styles
60 °
8.0
(0.315)
SLOTTING ANGLE
OF INNER SHAFT
NOT SPECIFIED
OUTER SHAFT SHOWN
IN FULL CCW POSITION
L2
5.0
(0.197)
L1
1.0
(0.039)
3.0
(0.118)
C1
C0.5
M9 X
0.75
(0.030)
1.0
(0.039)
10.0
(0.394)
6.0
(0.236)
DIA.
8.0
(0.315)
9.0
(0.354)
8.0
(0.315)
DIA.
L1
L2
30.0
(1.181)
20.0
(.787)
35.0
(1.378)
25.0
(.984)
Slotted Shaft
60 °
L2
5.0
(0.197)
L1
3.0
(0.118)
C0.5
C0.5
M9 X
0.75
(0.030)
1.5
(0.059)
4.7
(0.185)
DIA.
6.7
(0.264)
DIA.
8.0
(0.315)
SLOTTING ANGLE
OF INNER SHAFT
NOT SPECIFIED
OUTER SHAFT SHOWN
IN FULL CCW POSITION
10.0
(0.394)
8.0
(0.315)
L1
L2
35.0
(1.378)
21.0
(.827)
40.0
(1.575)
26.0
(1.024)


Similar Part No. - PTH90

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH9L MURATA1-PTH9L Datasheet
189Kb / 1P
PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
PTH9L04BB222TS2F330 MURATA1-PTH9L04BB222TS2F330 Datasheet
189Kb / 1P
PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
PTH9L04BB471TS2F330 MURATA1-PTH9L04BB471TS2F330 Datasheet
189Kb / 1P
PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
PTH9L04BC222TS2F330 MURATA1-PTH9L04BC222TS2F330 Datasheet
189Kb / 1P
PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
PTH9L04BC471TS2F330 MURATA1-PTH9L04BC471TS2F330 Datasheet
189Kb / 1P
PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
More results

Similar Description - PTH90

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AS113-XXX-1 ATM-AS113-XXX-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
logo
Bourns Electronic Solut...
PTJ90 BOURNS-PTJ90 Datasheet
308Kb / 2P
PTJ90 Series Dual Concentric Shaft Panel Control w/Push-Push Switch
PTM90 BOURNS-PTM90 Datasheet
340Kb / 2P
PTM90 Series Panel Control w/Push-Push Switch
PTP90 BOURNS-PTP90 Datasheet
293Kb / 2P
PTP90 Series Panel Control w/Push Latching Shaft
logo
Grayhill, Inc
62H4545-H0-040C GRAYHILL-62H4545-H0-040C Datasheet
343Kb / 2P
High Torque, Concentric Shaft
62HN22-H0-040C GRAYHILL-62HN22-H0-040C Datasheet
350Kb / 2P
High Torque, Non-Turn Concentric Shaft
logo
Bourns Electronic Solut...
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
logo
CTS Corporation
12VR CTS-12VR Datasheet
847Kb / 7P
12mm Panel Potentiometer w/Illuminated Shaft
logo
Bourns Electronic Solut...
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com