Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTP90 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTP90
Description  PTP90 Series Panel Control w/Push Latching Shaft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTP90 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTP90 Datasheet HTML 1Page - Bourns Electronic Solutions PTP90 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTP90 Series Panel Control w/Push Latching Shaft
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10
C);C2
(15C);C3
(20C);C4
(25
C);C5
(30C);C6
REV. 10/11
Additional Shaft Styles
Slotted Shaft
Flatted Shaft
60 ° ±10 °/-5 °
9.0 ± 0.5
(0.354 ± 0.020)
C1
M7 X
0.75
(0.030)
6.0 +0/-0.05
(0.236 +0.002)
DIA.
4.5 +0/-0.1
(0.177 +0.004)
DIA.
SHAFT SHOWN IN
FULL CCW POSITION
PUSH TRAVEL
4.5
(0.177)
10.0
(0.394)
30.0
(1.181)
8.3
(0.327)
8.0
(0.315)
PUSH LATCH
TRAVEL
10.7
(0.428)
60 ° ±10 °/-5 °
9.0 ± 0.5
(0.354 ± 0.020)
C1
M7 X
0.75
(0.030)
6.0
(0.236)
DIA.
1.0
(0.039)
1.6 ± 0.2
(0.063 ± 0.008)
SHAFT SHOWN IN
FULL CCW POSITION
PUSH TRAVEL
PUSH LATCH
TRAVEL
10.0
(0.394)
30.0
(1.181)
8.0
(0.315)
10.7
(0.428)
DIMENSIONS:
MM
(INCHES)
Applications
■ Multimedia sound systems
■ Mixers / drum machines / DJ equipment
■ Automotive sound systems
■ Portable electronics
■ Portable appliances
How To Order
PTP90 2 - 0 30 K - 103 B2
Model Number
Designator
PTP90 = Panel Control
w/Push Latching Shaft
Number of Sections
1 = Single Gang
2 = Dual Gang
Center Detent
0 = No Detent
1 = Center Detent
Shaft Length (FMS)
30 = 30 mm
Shaft Style
F = Flatted Metal
K = Knurled (18 tooth serrated)
S = Slotted Metal
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
Schematics
3
2
1
R1
3'
2'
1'
R2
Dual Gang
3
2
1
R1
Single Gang



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com