Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3N0BA-MU Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATSAM3N0BA-MU
Description  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N0BA-MU Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATSAM3N0BA-MU Datasheet HTML 36Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 37Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 38Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 43Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
11011BS–ATARM–22-Feb-12
SAM3N Summary
10.13 Chip Identification
• Chip Identifier (CHIPID) registers permit recognition of the device and its revision.
• JTAG ID: 0x05B2E03F
10.14 UART
•Two-pin UART
– Implemented features are 100% compatible with the standard Atmel USART
– Independent receiver and transmitter with a common programmable Baud Rate
Generator
– Even, Odd, Mark or Space Parity Generation
– Parity, Framing and Overrun Error Detection
– Automatic Echo, Local Loopback and Remote Loopback Channel Modes
– Support for two PDC channels with connection to receiver and transmitter
10.15 PIO Controllers
• 3 PIO Controllers, PIOA, PIOB and PIOC (100-pin version only) controlling a maximum of 79
I/O Lines
• Each PIO Controller controls up to 32 programmable I/O Lines
• Fully programmable through Set/Clear Registers
• Multiplexing of four peripheral functions per I/O Line
• For each I/O Line (whether assigned to a peripheral or used as general purpose I/O)
– Input change, rising edge, falling edge, low level and level interrupt
– Debouncing and Glitch filter
Table 10-1.
SAM3N Chip ID Register
Chip Name
CHIPID_CIDR
CHIPID_EXID
ATSAM3N4C (Rev A)
0x29540960
0x0
ATSAM3N2C (Rev A)
0x29590760
0x0
ATSAM3N1C (Rev A)
0x29580560
0x0
ATSAM3N4B (Rev A)
0x29440960
0x0
ATSAM3N2B (Rev A)
0x29490760
0x0
ATSAM3N1B (Rev A)
0x29480560
0x0
ATSAM3N4A (Rev A)
0x29340960
0x0
ATSAM3N2A (Rev A)
0x29390760
0x0
ATSAM3N1A (Rev A)
0x29380560
0x0
Table 10-2.
PIO available according to pin count
Version
48 pin
64 pin
100 pin
PIOA
21
32
32
PIOB
13
15
15
PIOC
--
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com