| Electronic Components Datasheet Search |
|
BA4564RFV Datasheet(PDF) 7 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4564RFV Datasheet(HTML) 7 Page - Rohm |
|
7 / 49 page ![]() Technical Note 7/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute maximum rating (Ta=25[℃]) ○ BA4580/BA4584/BA4584R/BA8522R family Parameter Symbol Ratings Unit BA4580R family BA4584 family BA4584R family BA8522R family Supply Voltage VCC-VEE +36 V Differential Input Voltage (*13) Vid 36 V Input Common-mode Voltage Range Vicm VEE~VEE+36 (VEE-0.3)~ VEE+36 V Operating Supply Voltage Vopr 4~32 (±2~±16) 4~19 (±2~±8.5) 4~32 (±2~±16) V Output current Iout ±50 mA Operating Temperature Topr -40~+105 -40~+85 -40~+105 ℃ Storage Temperature Tstg -55~+150 ℃ Maximum Junction Temperature Tjmax +150 ℃ Note Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause deterioration of characteristics. (*13) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ● Electrical characteristics ○ BA4580R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA4580R F/FVM Min. Typ. Max. Input Offset Voltage (*14) Vio 25℃ - 0.3 3 mV Rs≦10[kΩ] Input Offset Current (*14) Iio 25℃ - 5 200 nA Input Bias Current (*15) Ib 25℃ - 100 500 nA Large Signal Voltage Gain AV 25℃ 90 110 - dB RL≧10[kΩ], VOUT=±10[V] Maximum Output Voltage VOM 25℃ ±12 ±13.5 - V RL≧2[kΩ] Input Common-mode Voltage Range Vicm 25℃ ±12 ±13.5 - V Common-mode Rejection Ratio CMRR 25℃ 80 110 - dB Rs≦10[kΩ] Power Supply Rejection Ratio PSRR 25℃ 80 110 - dB Rs≦10[kΩ] Supply Current ICC 25℃ - 6 9 mA RL=∞ All Op-Amps, VIN+=0[V] Slew Rate SR 25℃ - 5 - V/μsRL≧2[kΩ] Unity Gain Frequency ft 25℃ - 5 - MHz RL=2[kΩ] Total Harmonic Distortion THD 25℃ - 0.0005 - % Av=20[dB], VOUT=5[Vrms] RL=2[kΩ], f=1[kHz] 20[Hz]~20[kHz] BPF Input Referred Noise Voltage Vn 25℃ - 0.8 - μVrms RIAA, Rs=2.2 [kΩ], 30[kHz] LPF (*14) Absolute value (*15) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |