Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BCD Datasheet(PDF) 2 Page - First Components International

Part # TL431BCD
Description  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431BCD Datasheet(HTML) 2 Page - First Components International

  TL431BCD Datasheet HTML 1Page - First Components International TL431BCD Datasheet HTML 2Page - First Components International TL431BCD Datasheet HTML 3Page - First Components International TL431BCD Datasheet HTML 4Page - First Components International TL431BCD Datasheet HTML 5Page - First Components International TL431BCD Datasheet HTML 6Page - First Components International TL431BCD Datasheet HTML 7Page - First Components International TL431BCD Datasheet HTML 8Page - First Components International TL431BCD Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
2001-05-A
TL431 Programmable Precision Reference
Ref erence
Cathode
Anode
(A)
(K)
(R)
10K
150
800
4.0K
800
7.2K
2.4K
20pF
3.28K
20pF
800
1.0K
Anode(A)
Cathode(K)
Ref erence(R)
2.5Vref
Representative Block Diagram
+
-
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(Full operating ambient temperature range applies, unless otherwise noted)
Rating
Symbol
Value
Unit
Cathode To Anode Voltage
VKA
37
V
Cathode Current Range, Continuous
IK
-100 to +150
mA
Reference Input Current Range,
Continuous
Iref
-0.05 to +10
mA
Operating Junction Temperature
TJ
150
℃
Operating Ambient Temperature Range
TL431CT/CP/CD/CH/CLT1
TA
-20 ~ +85
℃
Storage temperature Range
Tstg
-65 to +150
℃
Total Power Dissipation @TA=25℃
Derate above 25℃ Ambient
Temperature
T,D Suffix Package
0.70
W
P Suffix Package
1.10
H Suffix Package
1.0
LT1 Suffix Package
PD
0.28
Cathode
Anode
Ref erence
(R)
(A)
(K)
SYMBOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com