Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP35B60PDPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP35B60PDPBF
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP35B60PDPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGP35B60PDPBF Datasheet HTML 1Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 2Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 3Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 4Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 5Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 6Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 7Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 8Page - International Rectifier IRGP35B60PDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRGP35B60PD
4
www.irf.com
Fig. 8 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = 125°C
Fig. 12 - Typ. Switching Time vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 3.3Ω; VGE = 15V.
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 11 - Typ. Energy Loss vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 3.3Ω; VGE = 15V.
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 10 - Typ. Diode Forward Characteristics
tp = 80µs
Fig. 7 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
0
5
10
15
20
VGE (V)
0
100
200
300
400
500
600
700
800
TJ = 25°C
TJ = 125°C
TJ = 125°C
TJ = 25°C
0
5
10
15
20
VGE (V)
1
2
3
4
5
6
7
8
9
10
ICE = 11A
ICE = 22A
ICE = 35A
0
5
10
15
20
VGE (V)
1
2
3
4
5
6
7
8
9
10
ICE = 11A
ICE = 22A
ICE = 35A
0
5
10
15
20
25
30
35
40
IC (A)
0
100
200
300
400
500
600
700
800
EOFF
EON
0
10
20
30
40
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
1
10
100
0.8
1.2
1.6
2.0
2.4
FM
Forward Voltage Drop - V
(V)
T
= 150°C
T
= 125°C
T
=
25°C
J
J
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com