Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4321TRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4321TRLPBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4321TRLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4321TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS_SL4321PbF
2
www.irf.com
S
D
G
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 75A
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.096mH
RG = 25Ω, IAS = 50A, VGS =10V. Part not recommended for use
above this value.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
… Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
150
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12
15
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
1.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
0.8
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
130
–––
–––
S
Qg
Total Gate Charge
–––
71
110
nC
Qgs
Gate-to-Source Charge
–––
24
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
21
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
60
–––
td(off)
Turn-Off Delay Time
–––
25
–––
tf
Fall Time
–––
35
–––
Ciss
Input Capacitance
–––
4460
–––
pF
Coss
Output Capacitance
–––
390
–––
Crss
Reverse Transfer Capacitance
–––
82
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
85
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
330
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
89
130
ns
ID = 50A
Qrr
Reverse Recovery Charge
–––
300
450
nC VR = 128V,
IRRM
Reverse Recovery Current
–––
6.5
–––
A
di/dt = 100A/μs
f
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V
f
VDD = 98V
TJ = 25°C, IS = 50A, VGS = 0V
f
integral reverse
p-n junction diode.
showing the
ID = 50A
RG = 2.5
Ω
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
d
VGS = 10V, ID = 33A
f
VDS = VGS, ID = 250μA
VDS = 150V, VGS = 0V
VDS = 150V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 75V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
Conditions
VDS = 25V, ID = 50A
ID = 50A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com