Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012J000CS Datasheet(PDF) 1 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 1 Page - Samsung semiconductor

  RC2012J000CS Datasheet HTML 1Page - Samsung semiconductor RC2012J000CS Datasheet HTML 2Page - Samsung semiconductor RC2012J000CS Datasheet HTML 3Page - Samsung semiconductor RC2012J000CS Datasheet HTML 4Page - Samsung semiconductor RC2012J000CS Datasheet HTML 5Page - Samsung semiconductor RC2012J000CS Datasheet HTML 6Page - Samsung semiconductor RC2012J000CS Datasheet HTML 7Page - Samsung semiconductor RC2012J000CS Datasheet HTML 8Page - Samsung semiconductor RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Features
Applications
Part Numbering
RC 1005 J
101
CS
●
1
●
2
●
3
●
4
●
5
Thick Film Chip Resistor ( General )
● CODE DESIGNATION
1
RC : This code expresses the Resistor that is produced by Samsung Electro-Mechanics CO.,LTD.
Chip resistors, which are available for surface mounting, are general passive
component which is useful for voltage drop, current controlling in circuit and
surface mounting is available.
Samsung electro-mechanics also manufactures a wide range of chip resistors
such as general, precision, trimmable and low ohms and so on.Production is
increasing with demand for small size & light weight of set product. We provide
ultra-small, high-reliability, high-stability resistors. We have obtained ISO-
9002/QS-9000 and ISO-14001 certification.
- Very small, thin, and light weight.
- Both flow and reflow soldering are applicable.
- Owing to the reduced lead inductance, the high frequency characteristic is
excellent.
- Suitable size and packaging for surface mount assembly.
- General purpose.
- Home Appliances.
(DVD, Digital TV, Camcorder, VTR, Digital Camera, Audio, Tuner).
- For Computers & Communication Device.
(Notebook, Memory Module, Mobile, Network Equipment, etc)


Similar Part No. - RC2012J000CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2012J100AS ETC1-RC2012J100AS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RC2012J100BS ETC1-RC2012J100BS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RC2012J100CS ETC1-RC2012J100CS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RC2012J100ES ETC1-RC2012J100ES Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
logo
Samsung semiconductor
RC2012J182CS SAMSUNG-RC2012J182CS Datasheet
775Kb / 2P
General Purpose
More results

Similar Description - RC2012J000CS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
Thick Film Chip Resistor General Purpose
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
Thick Film Chip Resistor General Purpose
RC2010 TAITRON-RC2010 Datasheet
537Kb / 7P
Thick Film Chip Resistor General Purpose
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
General Purpose Thick Film Chip Resistor
IRCIS00665-1 IRCTT-IRCIS00665-1 Datasheet
227Kb / 3P
General Purpose Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com